Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66287FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M66287FP
Description  262144-word x 8-bit x 3-FIELD MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66287FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M66287FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M66287FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MITSUBISHI <DIGITAL ASSP>
M66287FP
262144-word x 8-bit x 3-FIELD MEMORY
© 2002 MITSUBISHI ELECTRIC CORPORATION
11
POWER - ON
After power-on, this IC initializes some circuits of internal FIFO (1.8 V), using the built-in power-on reset circuit.
This power-on reset is performed by using the VCC18 = 1.8 V system power supply.
Either of the following conditions (1) or (2) should be met according to the power-on time of the VCC18.
(1) When the power-on time of the VCC1.8 is 1 msec or less:
Some circuits of internal FIFO are initialized by the built-in power-on reset circuit. No restriction is imposed on the
power-on sequence between VCC18 and VCCIO = 3.3 V system power supply. When powering on again after power-on,
provide an interval of 100 ms or more for the VCC18. At this time, the TEST1 (pin 99) pin should be fixed at "L".
VCC18
GND
VCC18 x 10%
VCC18 x 10%
100ms(min)
VCC18
1ms(max)
(2) When the power-on time of the VCC18 is more than 1 msec:
Some circuits of internal FIFO should be initialized by the TEST1 (pin 99) pin.
Input a initialize reset pulse of 200 ns or more after the power supplies (VCCIO, VCC18) reach to the VCC level.
There is no problem even if reaching to the VCC level on which power supply.
VCC18
GND
VCC18
TEST1
VCCIO
1ms or more
200ns(min)
200ns(min)
VCCIO
GND
3.0V~3.6V
VCCIO
3.0V~3.6V
1.62V~1.98V
GND
Note : Some circuits of internal FIFO can be initialized by the TEST1 pin even if the power-on time of the VCC18 is 1
msec or less.
Note : Important matter;
Provide write reset cycles and read reset cycles of 100 cycles or more, respectively after the VCC reaches
to the specified voltage after power-on.
When inputting a reset pulse using the TEST1 (pin 99) pin, provide write reset cycles and read reset cycles
of 100 cycles or more, respectively after inputting a reset pulse at power-on.
There is no problem in this reset operation if a total of 100 cycles or more is achieved, even if
discontinuous reset input is made.


Similar Part No. - M66287FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
logo
Renesas Technology Corp
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
   5120 횞 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
logo
Renesas Technology Corp
M66281FP RENESAS-M66281FP Datasheet
175Kb / 16P
   5120 횞 8-Bit 횞 2 Line Memory
logo
Mitsubishi Electric Sem...
M66282FP MITSUBISHI-M66282FP Datasheet
83Kb / 12P
   8192 x 8-BIT LINE MEMORY
More results

Similar Description - M66287FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
   262144-word x 8-bit x 3-FIFO MEMORY
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM548333 OKI-MSM548333 Datasheet
423Kb / 42P
   240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MS81V26000 OKI-MS81V26000 Datasheet
151Kb / 20P
   1,114,112-Word X 24-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com