Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES8111 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC100ES8111
Description  Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES8111 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC100ES8111 Datasheet HTML 2Page - Motorola, Inc MC100ES8111 Datasheet HTML 3Page - Motorola, Inc MC100ES8111 Datasheet HTML 4Page - Motorola, Inc MC100ES8111 Datasheet HTML 5Page - Motorola, Inc MC100ES8111 Datasheet HTML 6Page - Motorola, Inc MC100ES8111 Datasheet HTML 7Page - Motorola, Inc MC100ES8111 Datasheet HTML 8Page - Motorola, Inc MC100ES8111 Datasheet HTML 9Page - Motorola, Inc MC100ES8111 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Advanced Clock Drivers Device Data
6
Freescale Semiconductor
MC100ES8111
Freescale Confidential Proprietary
NDA Required / Preliminary
APPLICATIONS INFORMATION
Test Reference and Output Termination
The MC100ES8111 is designed for high-frequency and
low-skew clock distribution. The high-speed differential
outputs are capable of driving 50
Ω transmission lines and
always require a DC termination to VTT (GND). In order to
maintain the tight skew and timing specifications, it is
recommend to terminate the differential outputs by 50
Ω to
GND, with the termination resistor located as close as
possible to the end of the clock transmission line. All DC and
AC specifications apply to this termination method (see the
reference circuit shown in Figure 3 “MC100ES8111 AC Test
Reference”). The MC100ES8111 does not support an output
termination to VTT = VX = 0.75 V (center voltage termination).
Figure 3. MC100ES8111 AC Test Reference
Power Consumption and the Junction Temperature
The power consumption PTOT of the MC100ES8111
depends on the supply voltages and the DC output
termination. The clock frequency has a negligible effect on
PTOT. If all outputs are terminated by 50 Ω to GND, the device
power consumption is calculated by:
PTOT = VCC · ICC + ICCO · (VCCO - VX)
For instance, at a supply voltage of VCC = 3.3 V and a
termination of 50
Ω to GND, the typical device power
consumption is 579 mW at VCCO = 1.8 V and 474 mW at
VCCO = 1.5 V.
To make the optimum use of high clock frequency and low
skew capabilities of the MC100ES8111, the device is
specified, characterized and tested for the junction
temperature range of TJ = 0°C to +110°C. Because the exact
thermal performance depends on the PCB type, design,
thermal management and natural or forced air convection,
the junction temperature provides an exact way to correlate
the application specific conditions to the published
performance data of this datasheet. The correlation of the
junction temperature range to the application ambient
temperature range and vice versa can be done by
calculation:
TJ = TA + Rthja · Ptot
Assuming a thermal resistance (junction to ambient) of
54.4°C/W (2s2p board, 100 ft/min airflow, see Table 8) and a
typical power consumption of 575 mW (all outputs terminated
50 ohms to GND, VCCO = 1.8 V), the junction temperature of
the MC100ES8111 is approximately TA + 31°C, and the
minimum ambient temperature in this example case
calculates to -31°C (the maximum ambient temperature
is 79°C. See Table 8). Exceeding the minimum junction
temperature specification of the MC100ES8111 does not
have a significant impact on the device functionality.
However, the continuous use the MC100ES8111 at high
ambient temperatures requires thermal management to not
exceed the specified maximum junction temperature.
Maintaining Lowest Device Skew
The MC100ES8111 guarantees low output-to-output skew
of max. 80 ps and a part-to-part skew of max. 630 ps
(VCCO = 1.8 V). To ensure low skew clock signals in the
application, both outputs of any differential output pair need
to be terminated identically, even if only one output is used.
When fewer than all ten output pairs are used, identical
termination of all output pairs within the output bank (same
package side) is recommended. If an entire output bank is not
used, it is recommended to leave all of these outputs open
and unterminated. This will reduce the device power
consumption while maintaining minimum output skew.
Z = 50
RT = 50 Ω
DUT
MC100ES8111
Differential Pulse
Generator
Z = 50
RT = 50 Ω
VTT = GND
VTT = GND
VCC = 3.3 V ± 5%
VCCO = 1.8 V ± 0.1 V or 1.5 V ± 0. 1 V
Z = 50
Oscilloscope
or Tester
Table 7. Power Consumption
MC100ES8111
PTOT, TYP
(1)
1. Typical case: VCC, VCCO at nominal values and using typical
ICC, ICCO data.
PTOT, MAX
(2)
2. Worst case: VCC, VCC at max. values and using max. ICC, ICCO
limits.
VCCO = 1.5 V
470 mW
647 mW
VCCO = 1.8 V
575 mW
769 mW
Table 8. Ambient Temperature Ranges (Ptot = 575 mW)
Rthja (2s2p board)
TA, min
(1)
1. The MC100ES8111 device function is guaranteed from
TA = -40°C to TJ = 110°C.
TA, max
Natural convection
59.0
°C/W
-34
°C
76
°C
100 ft/min
54.4
°C/W
-31
°C
79
°C
200 ft/min
52.5
°C/W
-30
°C
80
°C
400 ft/min
50.4
°C/W
-29
°C
81
°C
800 ft/min
47.8
°C/W
-27.5
°C
82.5
°C


Similar Part No. - MC100ES8111

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111AC RENESAS-MC100ES8111AC Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111ACR2 RENESAS-MC100ES8111ACR2 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111FA RENESAS-MC100ES8111FA Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111FAR2 RENESAS-MC100ES8111FAR2 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results

Similar Description - MC100ES8111

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Cypress Semiconductor
CY2HH8110 CYPRESS-CY2HH8110 Datasheet
95Kb / 7P
   1.5V 1:10 HSTL Fanout Buffer
logo
Integrated Device Techn...
83210 IDT-83210 Datasheet
103Kb / 10P
   Low Skew, 1-to-10, HSTL Fanout Buffer
logo
Renesas Technology Corp
83210 RENESAS-83210 Datasheet
295Kb / 11P
   Low Skew, 1-to-10, HSTL Fanout Buffer
Revision A March 10, 2016
logo
Freescale Semiconductor...
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Integrated Device Techn...
ICS83210 IDT-ICS83210 Datasheet
173Kb / 9P
   LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com