Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ-0750 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # AZ-0750
Description  Flying Lead Current Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

AZ-0750 Datasheet(HTML) 1 Page - Nuvotem Talema

  AZ-0750 Datasheet HTML 1Page - Nuvotem Talema AZ-0750 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(06-16)
AZ Series
Flying Lead Current Transformers
Electrical Specifications at 20°C
r
e
t
e
m
a
r
a
P0
0
5
0
-
Z
A0
5
7
0
-
Z
A0
0
0
1
-
Z
A
z
H
n
i
y
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O0
6
/
0
50
6
/
0
50
6
/
0
5
s
p
m
A
n
i
t
n
e
r
r
u
C
y
r
a
m
ir
P
m
u
m
i
x
a
M5
20
40
5
l
a
n
i
m
o
N
o
it
a
R
s
n
r
u
T1
:
0
0
51
:
0
5
71
:
0
0
0
1
l
a
n
i
m
o
N
s
m
h
O
n
i
e
c
n
a
t
s
i
s
e
R
C
D8
15
32
7
s
m
h
O
n
i
e
c
n
a
t
s
i
s
e
R
n
e
d
r
u
B
d
e
t
a
R3
33
33
3
Features
• Very high output voltage & linearity in small size
• Integral flying leads for ease of installation
• Large center-hole allows 6.3mm tabs
• Dielectric withstand voltage 4KVrms
• OperatingtemperatureRange-40°Cto+85°C
• All materials UL94V-0
• Manufactured in an ISO 9001:2008, ISO/TS 16949:2009
and ISO 14001:2004 certified Talema facility
• FullyRoHS&REACHCompliant
Talema Group
Magnetic Components
www.talema.com
Mechanical Drawing
AZ-0500
AZ-0750
AZ-1000
Response Curve
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
Input Current in Amps
Input Current Vs Output Voltage
33 Ohms
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
Input Current in Amps
Input Current Vs Output Voltage
33 Ohms
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
70
80
Input Current in Amps
Input Current Vs Output Voltage
33 Ohms
21.50
Ø 7.0
5±1
Tinned
250±5mm
Lead outs: Flex UL1569 AWG24, 300V Rating,
250±5mm long out of trafo with 5mm tinned ends


Similar Part No. - AZ-0750

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AZ-DM HUAXINAN-AZ-DM Datasheet
139Kb / 2P
   High reliability in dry circuit condition
logo
Isabellenhütte Heu...
AZ-H ISABELLENHUETTE-AZ-H Datasheet
833Kb / 4P
   PRECISION RESISTORS
AZ-H1 ISABELLENHUETTE-AZ-H1 Datasheet
833Kb / 4P
   PRECISION RESISTORS
AZ-H1-R010-F1-K2-0.1-TK10 ISABELLENHUETTE-AZ-H1-R010-F1-K2-0.1-TK10 Datasheet
833Kb / 4P
   PRECISION RESISTORS
AZ-H2 ISABELLENHUETTE-AZ-H2 Datasheet
833Kb / 4P
   PRECISION RESISTORS
More results

Similar Description - AZ-0750

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
   FLYING LEAD TEMPERATURE TRANSMITTER
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
   FLYING LEAD TEMPERATURE SENSOR
02/20
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
   FLYING LEAD LOW LIMIT THERMOSTAT
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
   FLYING LEAD HIGH LIMIT THERMOSTAT
TDFL GREYSTONE-TDFL Datasheet
214Kb / 2P
   FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
logo
Cynergy3 Co
RSF43H100RF CYNERGY3-RSF43H100RF Datasheet
229Kb / 2P
   Flying Lead or M12 plug connection
logo
Greystone Energy System...
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
   HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
logo
Cynergy3 Co
RSF73H100RN CYNERGY3-RSF73H100RN Datasheet
276Kb / 2P
   Flying Lead or M12 plug connection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com