Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P852B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # P852B
Description  8-BIT CMOS MICROCONTROLLERS
Download  383 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P852B Datasheet(HTML) 3 Page - Samsung semiconductor

  P852B Datasheet HTML 1Page - Samsung semiconductor P852B Datasheet HTML 2Page - Samsung semiconductor P852B Datasheet HTML 3Page - Samsung semiconductor P852B Datasheet HTML 4Page - Samsung semiconductor P852B Datasheet HTML 5Page - Samsung semiconductor P852B Datasheet HTML 6Page - Samsung semiconductor P852B Datasheet HTML 7Page - Samsung semiconductor P852B Datasheet HTML 8Page - Samsung semiconductor P852B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 383 page
background image
S3C852B/P852B MICROCONTROLLER
iii
Preface
The S3C852B/P852B Microcontroller User's Manual is designed for application designers and programmers who
are using the S3C852B/P852B microcontroller for application development.
It is organized in two main parts:
Part I
Programming Model
Part II Hardware Descriptions
Part I contains software-related information to familiarize you with the microcontroller's architecture,
programming model, instruction set, and interrupt structure. It has six chapters:
Chapter 1
Product Overview
Chapter 2
Address Spaces
Chapter 3
Addressing Modes
Chapter 4
Control Registers
Chapter 5
Interrupt Structure
Chapter 6
Instruction Set
Chapter 1, "Product Overview," is a high-level introduction to S3C851B/P851B with general product descriptions,
as well as detailed information about individual pin characteristics and pin circuit types.
Chapter 2, "Address Spaces," describes program and data memory spaces, the internal register file, and register
addressing. Chapter 2 also describes working register addressing, as well as system stack and user-defined stack
operations.
Chapter 3, "Addressing Modes," contains detailed descriptions of the addressing modes that are supported by the
S3C8-series CPU.
Chapter 4, "Control Registers," contains overview tables for all mapped system and peripheral control register
values, as well as detailed one-page descriptions in a standardized format. You can use these easy-to-read,
alphabetically organized, register descriptions as a quick-reference source when writing programs.
Chapter 5, "Interrupt Structure," describes the S3C852B/P852B interrupt structure in detail and further prepares
you for additional information presented in the individual hardware module descriptions in Part II.
Chapter 6, "Instruction Set," describes the features and conventions of the instruction set used for all KS88-series
microcontrollers. Several summary tables are presented for orientation and reference. Detailed descriptions of
each instruction are presented in a standard format. Each instruction description includes one or more practical
examples of how to use the instruction when writing an application program.
A basic familiarity with the information in Part I will help you to understand the hardware module descriptions in
Part II. If you are not yet familiar with the S3C8-series microcontroller family and are reading this manual for the
first time, we recommend that you first read Chapters 1–3 carefully. Then, briefly look over the detailed
information in Chapters 4, 5, and 6. Later, you can reference the information in Part I as necessary.
Part II "hardware Descriptions," has detailed information about specific hardware components of the
S3C851B/P851B microcontroller. Also included in Part II are electrical, mechanical, and OTP. It has 13 chapters:
Chapter 7
Clock Circuits
Chapter 8
RESET and Power-Down
Chapter 9
I/O Ports
Chapter 10
Basic Timer and Timer 0
Chapter 11
Timer 1
Chapter 12
Watch Timer
Chapter 13
Serial I/O Port
Chapter 14
Caller ID Block
Chapter 15
A/D Converter
Chapter 16
Extermal Interface
Chapter 17
Electrical Data
Chapter 18
Mechanical Data
Chapter 19
S3P852B OTP
Two order forms are included at the back of this manual to facilitate customer order for S3C852B/P852B
microcontrollers: the Mask ROM Order Form, and the Mask Option Selection Form. You can photocopy these
forms, fill them out, and then forward them to your local Samsung Sales Representative.


Similar Part No. - P852B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P85 AMPHENOL-P85 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Bourns Electronic Solut...
P850-G BOURNS-P850-G Datasheet
755Kb / 7P
   Extremely high speed performance
P850-G120-WH BOURNS-P850-G120-WH Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
P850-G120-WH BOURNS-P850-G120-WH Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
P850-G120-WH BOURNS-P850-G120-WH Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
More results

Similar Description - P852B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com