Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4112G Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI4112G
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4112G Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4112G Datasheet HTML 4Page - Silicon Laboratories SI4112G Datasheet HTML 5Page - Silicon Laboratories SI4112G Datasheet HTML 6Page - Silicon Laboratories SI4112G Datasheet HTML 7Page - Silicon Laboratories SI4112G Datasheet HTML 8Page - Silicon Laboratories SI4112G Datasheet HTML 9Page - Silicon Laboratories SI4112G Datasheet HTML 10Page - Silicon Laboratories SI4112G Datasheet HTML 11Page - Silicon Laboratories SI4112G Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Si 41 33 G
8
Rev. 1.1
Table 5. RF and IF Synthesizer Characteristics
(VDD = 2.7 to 3.6 V, TA = –20 to 85°C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
XIN Input Frequency
f
REF
—13
MHz
Reference Amplifier Sensitivity
V
REF
0.5
VDD
+0.3
VPP
Phase Detector Update Frequency
fφ
fφ = fREF/R
200
KHz
RF1 Center Frequency Range
fCEN
947
1720
MHz
RF2 Center Frequency Range
fCEN
789
1429
MHz
IF VCO Center Frequency
fCEN
526
952
MHz
Tuning Range from fCEN
Note: LEXT ±10%
–5
5
%
RF1 VCO Pushing
Open loop
0.5
MHz/V
RF2 VCO Pushing
0.4
MHz/V
IF VCO Pushing
0.3
MHz/V
RF1 VCO Pulling
VSWR = 2:1, all
phases, open loop
—0.4
MHzPP
RF2 VCO Pulling
0.1
MHzPP
IF VCO Pulling
0.1
MHzPP
RF1 Phase Noise
1 MHz offset
–132
dBc/Hz
3 MHz offset
–142
dBc/Hz
RF1 Integrated Phase Error
100 Hz to 100 kHz
0.9
deg rms
RF2 Phase Noise
1 MHz offset
–134
dBc/Hz
3 MHz offset
–144
dBc/Hz
RF2 Integrated Phase Error
100 Hz to 100 kHz
0.7
deg rms
IF Phase Noise
100 kHz offset
–117
dBc/Hz
IF Integrated Phase Error
100 Hz to 100 kHz
0.4
deg rms
RF1 Harmonic Suppression
Second Harmonic
–26
dBc
RF2 Harmonic Suppression
–26
dBc
IF Harmonic Suppression
–26
dBc
RFOUT Power Level
ZL = 50 Ω
–7
–2
1
dBm
IFOUT Power Level
ZL = 50 Ω
–8
–6
–1
dBm
RF1 Reference Spurs
Offset = 200 kHz
–70
dBc
Offset = 400 kHz
–75
dBc
Offset = 600 kHz
–80
dBc
R
F2 Reference Spurs
Offset = 200 kHz
–75
dBc
Offset = 400 kHz
–80
dBc
Offset = 600 kHz
–80
dBc
Power Up Request to Synthesizer
Ready Time, RF1, RF2, IF2
tpup
Figures 4, 5
140
µs
Power Down Request to Synthesizer Off
Time3
t
pdn
Figures 4, 5
100
ns
Notes:
1. RF1 = 1.55 GHz, RF2 = 1.2 GHz, IF
= 550 MHz for all parameters unless otherwise noted.
2. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDIB and PDRB in Register 2) to RF and IF
synthesizers ready (settled to within 0.1 ppm frequency error). Typical settling time to 5 degrees phase error is 120
µs.
3. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDIB and PDRB in Register 2) to supply
current equal to IPWDN.


Similar Part No. - SI4112G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4112 ETC-SI4112 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4112 SILABS-SI4112 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4112-BM ETC-SI4112-BM Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4112-BT ETC-SI4112-BT Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4112-D-GM SILABS-SI4112-D-GM Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4112G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com