Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA4012AFE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA4012AFE
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4012AFE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA4012AFE Datasheet HTML 1Page - Toshiba Semiconductor TA4012AFE Datasheet HTML 2Page - Toshiba Semiconductor TA4012AFE Datasheet HTML 3Page - Toshiba Semiconductor TA4012AFE Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TA4012AFE
2002-01-18
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
TA4012AFE
UHF Wide Band Amplifier Applications
Features
· Low current: ICC = 6.5 mA
· Wide band: f = 2.0 GHz (3dB down)
· Operating supply voltage: VCC = 1.5~2.2 V
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage 1
VCC1
2.2
V
Supply voltage 2
(Note1)
VCC2
3
V
Total power dissipation
(Note2)
PD
300
mW
Operating temperature
Topr
-40~85
°C
Storage temperature
Tstg
-55~150
°C
Note1:
When VCC is operated at less than 1/4 duty cycle
Note2:
When mounted on the glass epoxy of 2.5 cm
2 ´ 1.6 t
Marking
Weight: 0.003 g (typ.)
OUT
U 4
COLLECTOR
VCC GND
IN
5
4
1
2
3


Similar Part No. - TA4012AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4012AFE TOSHIBA-TA4012AFE Datasheet
115Kb / 4P
   UHF Wide Band Amplifier Applications
TA4012AFE TOSHIBA-TA4012AFE_07 Datasheet
115Kb / 4P
   UHF Wide Band Amplifier Applications
More results

Similar Description - TA4012AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com