Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB02KW01-05-JE Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB02KW01-05-JE
Description  Complement to LB Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB02KW01-05-JE Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB02KW01-05-JE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-JE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-JE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-JE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB02KW01-05-JE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB Indicators
M17
M
Complement to LB Pushbuttons
www.nkkswitches.com
CAP TYPES & COLOR COMBINATIONS
BJ
Solid Cap for Incandescent Lamp
Lens/Filter
Colors Available:
CJ
EJ
AT476
Square
JF and JG not suitable
with neon lamp.
FJ
GJ
Color Codes:
B White
C Red
D Amber
E Yellow
F Green
G Blue
J Clear
Material: Polycarbonate
Finish: Glossy
AT4012
Round
AT4026
Rectangular
Material: Polycarbonate
Finish: Glossy
AT477
Square
AT4013
Round
AT4027
Rectangular
Insert Cap for Incandescent or Neon Lamp
JB
JC
JE
JF
JG
Lens/Filter
Colors Available:
Translucent Colored Lens
Transparent Clear Filter
Lamp AT607
Transparent Clear Lens
Translucent Colored Filter
Lamp AT607 or 607N
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
Material: Polycarbonate
Finish: Glossy
AT4176
Square
AT4178
Round
AT4177
Rectangular
Cap for Bright LED without Resistor
Lens/Diffuser
Colors Available:
Transparent Clear Lens
Translucent Colored Diffuser
Bright LED
AT635
Material: Polycarbonate
Finish: Glossy
AT4162
Square
AT4164
Round
AT4163
Rectangular
Cap for Bright LED with Resistor
JB
JC
JD
JF
Lens/Diffuser
Colors Available:
Transparent Clear Lens
Translucent Colored Diffuser
JB
JC
JD
JF
(4.5)
.177
(5.5)
.217
(19.0) Dia
.748
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
Bright LED
AT627
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520


Similar Part No. - LB02KW01-05-JE

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB02KW01 NKK-LB02KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
More results

Similar Description - LB02KW01-05-JE

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com