Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7530PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530PWP
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWP Datasheet(HTML) 3 Page - Texas Instruments

  THS7530PWP Datasheet HTML 1Page - Texas Instruments THS7530PWP Datasheet HTML 2Page - Texas Instruments THS7530PWP Datasheet HTML 3Page - Texas Instruments THS7530PWP Datasheet HTML 4Page - Texas Instruments THS7530PWP Datasheet HTML 5Page - Texas Instruments THS7530PWP Datasheet HTML 6Page - Texas Instruments THS7530PWP Datasheet HTML 7Page - Texas Instruments THS7530PWP Datasheet HTML 8Page - Texas Instruments THS7530PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
3
SPECIFICATIONS: MAIN AMPLIFIER
VS+ = 5 V, VS– = 0 V, VOCM = 2.5 V, VICM = 2.5 V, VG– = 0 V, VG+ = 1 V (maximum gain), TA = 25°C, ac performance measured using the ac test
circuit shown in Figure 1 (unless otherwise noted). DC performance is measured using the dc test circuit shown in Figure 2 (unless otherwise
noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25 C
25 C
–40 C to
85 C
UNITS
MIN/
MAX
AC PERFORMANCE (See Figure 1)
Small-signal bandwidth
All gains, PIN = –45 dBm
300
MHz
Typ
Slew rate(1)
1 VPP Step, 25% to 75%,
minimum gain
1250
V/
µs
Typ
Settling time to 1%(1)
1 VPP Step, minimum gain
11
ns
Typ
Harmonic distortion
VO(PP) = 1 V, RL(diff)= 400 Ω
2nd Harmonic
f = 32 MHz
–65
dBc
Typ
3rd Harmonic
f = 32 MHz
–61
dBc
Typ
Third-order intermodulation distortion
PO = –10 dBm each tone,
fC=70 MHz,
200 kHz tone spacing
–62
dBc
Typ
Third-order output intercept point
fC=70 MHz,
200 kHz tone spacing
21
dBm
Typ
Noise figure (with input termination)
Source impedance: 50
9
dB
Typ
Total input voltage noise
f > 100 kHz
1.1
nV/
√Hz
Typ
DC PERFORMANCE—INPUTS (See Figure 2)
Input bias current
20
39
40
µA
Max
Input bias current offset
<150
pA
Typ
Minimum input voltage
Minimum gain
1.5
1.6
1.7
V
Max
Maximum input voltage
Minimum gain
3.5
3.35
3.2
V
Min
Common-mode rejection ratio
114
56
44
dB
Min
Differential input impedance
8.5 || 3.0
k
Ω || pF
Typ
DC PERFORMANCE—OUTPUTS (See Figure 2)
Output offset voltage
All gains
±100
±340
±480
mV
Max
Maximum output voltage high
3.5
3.275
3.25
V
Min
Minimum output voltage low
1.5
1.7
1.8
V
Max
Output current
±37
±16
±16
mA
Min
Output impedance
15
Typ
OUTPUT COMMON-MODE VOLTAGE CONTROL (See Figure 2)
Small-signal bandwidth
32
MHz
Typ
Gain
1.00
V/V
Typ
Common-mode offset voltage
4.5
12
13.8
mV
Max
Minimum input voltage
1.75
V
Typ
Maximum input voltage
3.25
V
Typ
Input impedance
25 || 1
k
Ω || pF
Typ
Default voltage, with no connect
2.5
V
Typ
Input bias current
<1
µA
Typ
(1) Slew rate and settling time measured at amplifier output.


Similar Part No. - THS7530PWP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530PWP NSC-THS7530PWP Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPG4 NSC-THS7530PWPG4 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPR NSC-THS7530PWPR Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPRG4 NSC-THS7530PWPRG4 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
More results

Similar Description - THS7530PWP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
[Old version datasheet]   LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
   Differential CATV Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com