Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4984IQT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4984IQT
Description  2 x 1W Stereo audio power amplifier with active low standby mode
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984IQT Datasheet(HTML) 4 Page - STMicroelectronics

  TS4984IQT Datasheet HTML 1Page - STMicroelectronics TS4984IQT Datasheet HTML 2Page - STMicroelectronics TS4984IQT Datasheet HTML 3Page - STMicroelectronics TS4984IQT Datasheet HTML 4Page - STMicroelectronics TS4984IQT Datasheet HTML 5Page - STMicroelectronics TS4984IQT Datasheet HTML 6Page - STMicroelectronics TS4984IQT Datasheet HTML 7Page - STMicroelectronics TS4984IQT Datasheet HTML 8Page - STMicroelectronics TS4984IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TS4984
Electrical characteristics
4/29
3
Electrical characteristics
Table 4: Electrical characteristics for VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
7.4
12
mA
ISTANDBY
Standby Current 1
No input signal, Vstdby = GND, RL = 8Ω
1)
Standby mode is activated when Vstdby is tied to Gnd.
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 8
110
mV
Pout
Output Power
THD = 1% Max, F = 1kHz, RL = 8
0.8
1
W
THD + N
Total Harmonic Distortion + Noise
Po = 1Wrms, Av = 2, 20Hz
≤ F ≤ 20kHz, RL = 8Ω
0.2
%
PSRR
Power Supply Rejection Ratio2
RL = 8
Ω, Av = 2, Vripple = 200mVpp, Input Grounded
F = 217Hz
F = 1kHz
2)
All PSRR data limits are guaranteed by production sampling tests
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon Vcc.
55
55
62
64
dB
Crosstalk
Channel Separation, RL = 8Ω
F = 1kHz
F = 20Hz to 20kHz
-92
-70
dB
TWU
Wake-Up Time (Cb = 1µF)
90
130
ms
TSTDB
Standby Time (Cb = 1µF)
10
µs
VSTDBH
Standby Voltage Level High
1.3
V
VSTDBL
Standby Voltage Level Low
0.4
V
ΦM
Phase Margin at Unity Gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain Margin
RL = 8Ω, CL = 500pF
15
dB
GBP
Gain Bandwidth Product
RL = 8Ω
1.5
MHz


Similar Part No. - TS4984IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
More results

Similar Description - TS4984IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com