Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3801K33DCK Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3801K33DCK
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3801K33DCK Datasheet(HTML) 3 Page - Texas Instruments

  TPS3801K33DCK Datasheet HTML 1Page - Texas Instruments TPS3801K33DCK Datasheet HTML 2Page - Texas Instruments TPS3801K33DCK Datasheet HTML 3Page - Texas Instruments TPS3801K33DCK Datasheet HTML 4Page - Texas Instruments TPS3801K33DCK Datasheet HTML 5Page - Texas Instruments TPS3801K33DCK Datasheet HTML 6Page - Texas Instruments TPS3801K33DCK Datasheet HTML 7Page - Texas Instruments TPS3801K33DCK Datasheet HTML 8Page - Texas Instruments TPS3801K33DCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219C – AUGUST 1999 – REVISED JULY 2003
ELECTRICAL CHARACTERISTICS
over -40
°C to 85°C free-air temperature range (unless otherwise noted)
parameter
test conditions
min
typ
max
unit
VDD = 1.6 V to 6 V IOH = -500 µA
VDD -0.2
VOH
High-level output voltage (RESET)
VDD = 3.3 V IOH = -2 mA
VDD -0.4
V
VDD = 6 V IOH = -4 mA (1)
VDD -0.4
VDD = 1.6 V to 6 V, IOL = 500 µA
0.2
VOL
Low-level output voltage (RESET)
VDD = 3.3 V, IOL = 2 mA
0.4
V
VDD = 6 V, IOL = 4 mA (1)
0.4
Power-up reset voltage (2)
VDD ≥ 1.1 V, IOL = 50 µA
0.2
V
TPS380x-01
1.117
1.14
1.163
TPS380xE18
1.67
1.71
1.75
TPS380xJ25
2.2
2.25
2.3
TPS380xG27
2.45
2.5
2.55
Negative-going input
VIT-
TA = -40°C to 85°C
V
threshold voltage (3)
TPS380xL30
2.58
2.64
2.7
TPS380xK33
2.87
2.93
2.99
TPS380xI50
4.45
4.55
4.65
TPS380xT50
3.92
4
4.08
TPS380x-01
15
TPS380xx18
25
TPS380xx25
30
Vhys
Threshold hysteresis
TPS380xx27
35
mV
TPS380xx30
35
TPS380xx33
40
TPS380xx50
60
IIH
High-level input current (MR )
MR = 0.7
×V
DD, VDD = 6 V
-40
-60
-100
µA
IIL
Low-level input current (MR)
MR = 0 V, VDD = 6 V
-130
-200
-340
II
Input current (SENSE)
-25
25
nA
TPS3801J25,
VDD = 2 V, MR and output unconnected
9
12
TPS3801L30,
TPS3801K33,
VDD = 6 V, MR and output unconnected
20
25
TPS3801I50,
TPS3801T50
VDD = 1.6 V, SENSE = 0 V to VDD, output
7
10
unconnected
IDD
Supply current
µA
TPS3801-01
VDD = 4 V, SENSE = 0 V to VDD, output
9
12
unconnected
TPS3801E18,
VDD = 1.6 V, MR and output unconnected
8
11
TPS3800G27,
TPS3802K33,
VDD = 4 V, MR and output unconnected
13
18
TPS3802L30
Ci
Input capacitance
VI = 0 V to VDD
5
pF
(1)
Only valid for the TPS3801J25, TPS3801L30, TPS3801K33, TPS3801I50, and TPS3801T50.
(2)
The lowest supply voltage at which RESET becomes active. tr, VDD≥ 15 µs/V.
(3)
To ensure the best stability of the threshold voltage, a bypass capacitor (0.1-µF ceramic) should be placed near the supply terminals.
3


Similar Part No. - TPS3801K33DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801K33DCK TI-TPS3801K33DCK Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCK TI1-TPS3801K33DCK Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCKR TI1-TPS3801K33DCKR Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCKR TI1-TPS3801K33DCKR Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCKRG4 TI1-TPS3801K33DCKRG4 Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3801K33DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com