Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS10SB82 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1PS10SB82
Description  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS10SB82 Datasheet(HTML) 2 Page - NXP Semiconductors

  1PS10SB82 Datasheet HTML 1Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 2Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 3Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 4Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 5Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 6Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2003 Aug 20
2
Philips Semiconductors
Product specification
Schottky barrier diode
1PS10SB82
FEATURES
• Low forward voltage
• Low diode capacitance
• Leadless ultra small plastic package
(1.0 mm
× 0.6 mm × 0.5 mm)
• Boardspace 1.17 mm2 (approx. 10% of SOT23)
• Power dissipation comparable to SOT23.
APPLICATIONS
• UHF mixers
• Sampling circuits
• Modulators
• Phase detectors
• Mobile communication, digital (still) cameras, PDA’s and
PCMCIA cards.
DESCRIPTION
An epitaxial Schottky barrier diode encapsulated in a
SOD882 leadless ultra small plastic package.
ESD sensitive device, observe handling precautions.
handbook, halfpage
MDB391
Bottom view
Fig.1 Simplified outline (SOD882), pin
configuration and symbol.
Marking code: S5.
The marking bar indicates the cathode.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
15
V
IF
continuous forward current
30
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C


Similar Part No. - 1PS10SB82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS10SB82 NXP-1PS10SB82 Datasheet
99Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS10SB82 NEXPERIA-1PS10SB82 Datasheet
177Kb / 8P
   Schottky barrier diode
13 November 2019
logo
NXP Semiconductors
1PS10SB82 PHILIPS-1PS10SB82_15 Datasheet
99Kb / 7P
   Schottky barrier diode
2003 Aug 20
More results

Similar Description - 1PS10SB82

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com