Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3800G27DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3800G27DCKRG4
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3800G27DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3800G27DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS3800G27DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
3
2
4
5
TPS380x . . . DCK PACKAGE
(TOP VIEW)
1
RESET
GND
MR
VDD
GND
3
2
4
5
TPS3801−01 . . . DCK PACKAGE
(TOP VIEW)
1
RESET
GND
SENSE
VDD
GND
typical applications
VDD = 1.8 V
100 nF
TPS3801E18
TMS320VC5420
GND
GND
MR
RESET
RESET
CoreVDD
VDD
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219C – AUGUST 1999 – REVISED JULY 2003
ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
FEATURES
DESCRIPTION
Small, 5-Pin SC-70 (SOT-323) Package
The TPS380x family of supervisory circuits monitor
supply voltages to provide circuit initialization and
Supply Current of 9 µA
timing supervision, primarily for DSPs and other pro-
Power-On Reset Generator With Fixed Delay
cessor-based systems.
Time
These devices assert a push-pull RESET signal when
– TPS3800 = 100 ms
the SENSE (adjustable version) or VDD (fixed version)
– TPS3801 = 200 ms
drops below a preset threshold. The RESET output
– TPS3802 = 400 ms
remains asserted for the factory programmed delay
Precision Supply Voltage Monitor 1.8 V, 2.5 V,
time after the SENSE or VDD return above its threshold.
2.7 V, 3 V, 3.3 V, 5 V, and Adjustable
The TPS380x devices, except the TPS3801-01, incor-
Manual Reset Input (Except TPS3801-01)
porate a manual reset input (MR). A low level at MR
causes RESET to become active.
Temperature Range: -40
°C to 85°C
The TPS380x uses a precision reference to achieve an
APPLICATIONS
overall threshold accuracy of 2% - 2.5%. These devices
are available in a 5-pin SC-70 package, which is only
Applications Using DSPs, Microcontrollers, or
about half the size of a 5-pin SOT-23 package.
Microprocessors
The TPS380x devices are fully specified over a tem-
Wireless Communication Systems
perature range of -40
°C to 85°C.
Portable/Battery-Powered Equipment
Programmable Controls
Intelligent Instruments
Industrial Equipment
Notebook/Desktop Computers
Automotive Systems
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999 – 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - TPS3800G27DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3800G27DCKRG4 TI1-TPS3800G27DCKRG4 Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800G27DCKRG4 TI1-TPS3800G27DCKRG4 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3800G27DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com