Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7190 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7190_17 Datasheet HTML 7Page - Analog Devices AD7190_17 Datasheet HTML 8Page - Analog Devices AD7190_17 Datasheet HTML 9Page - Analog Devices AD7190_17 Datasheet HTML 10Page - Analog Devices AD7190_17 Datasheet HTML 11Page - Analog Devices AD7190_17 Datasheet HTML 12Page - Analog Devices AD7190_17 Datasheet HTML 13Page - Analog Devices AD7190_17 Datasheet HTML 14Page - Analog Devices AD7190_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AD7190
Data Sheet
Rev. C | Page 10 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
12
11
MCLK2
SCLK
CS
P1/REFIN2(+)
P2
P3
MCLK1
P0/REFIN2(–)
NC
AINCOM
AIN2
AIN1
20
21
22
23
24
19
18
17
16
15
14
13
DOUT/RDY
SYNC
DVDD
AGND
DGND
AVDD
BPDSW
REFIN1(–)
AIN3
AIN4
REFIN1(+)
DIN
AD7190
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
MCLK1
When the master clock for the device is provided externally by a crystal, the crystal is connected between
MCLK1 and MCLK2.
2
MCLK2
Master Clock Signal for the Device. The AD7190 has an internal 4.92 MHz clock. This internal clock can be
made available on the MCLK2 pin. The clock for the AD7190 can be provided externally also in the form of
a crystal or external clock. A crystal can be tied across the MCLK1 and MCLK2 pins. Alternatively, the
MCLK2 pin can be driven with a CMOS-compatible clock and the MCLK1 pin left unconnected.
3
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications. The serial clock can be
continuous with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncon-
tinuous clock with the information transmitted to or from the ADC in smaller batches of data.
4
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC
in systems with more than one device on the serial bus or as a frame synchronization signal in
communicating with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode
with SCLK, DIN, and DOUT used to interface with the device.
5
P3
Digital Output Pin. This pin can function as a general-purpose output bit referenced between AVDD and AGND.
6
P2
Digital Output Pin. This pin can function as a general-purpose output bit referenced between AVDD and AGND.
7
P1/REFIN2(+)
Digital Output Pin/Positive Reference Input. This pin functions as a general-purpose output bit referenced
between AVDD and AGND. When REFSEL = 1, this pin functions as REFIN2(+). An external reference can be
applied between REFIN2(+) and REFIN2(−). REFIN2(+) can lie anywhere between AVDD and AGND + 1 V. The
nominal reference voltage, (REFIN2(+) − REFIN2(−)), is AVDD, but the part functions with a reference from
1 V to AVDD.
8
P0/REFIN2(−)
Digital Output Pin/Negative Reference Input. This pin functions as a general-purpose output bit referenced
between AVDD and AGND. When REFSEL = 1, this pin functions as REFIN2(−). This reference input can lie
anywhere between AGND and AVDD − 1 V.
9
NC
No Connect. This pin should be tied to AGND.
10
AINCOM
Analog Input AIN1 to Analog Input AIN4 are referenced to this input when configured for pseudo
differential operation.
11
AIN1
Analog Input. It can be configured as the positive input of a fully differential input pair when used with
AIN2 or as a pseudo differential input when used with AINCOM.
12
AIN2
Analog Input. It can be configured as the negative input of a fully differential input pair when used with
AIN1 or as a pseudo differential input when used with AINCOM.


Similar Part No. - AD7190_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190BRUZ AD-AD7190BRUZ Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
More results

Similar Description - AD7190_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com