Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7693BRMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7693BRMZ
Description  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693BRMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7693BRMZ Datasheet HTML 6Page - Analog Devices AD7693BRMZ Datasheet HTML 7Page - Analog Devices AD7693BRMZ Datasheet HTML 8Page - Analog Devices AD7693BRMZ Datasheet HTML 9Page - Analog Devices AD7693BRMZ Datasheet HTML 10Page - Analog Devices AD7693BRMZ Datasheet HTML 11Page - Analog Devices AD7693BRMZ Datasheet HTML 12Page - Analog Devices AD7693BRMZ Datasheet HTML 13Page - Analog Devices AD7693BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD7693
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 4.5 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, TA = 25°C.
1.0
–1.0
0
65536
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
16384
32768
49152
POSITIVE INL = +0.17LSB
NEGATIVE INL = –0.17LSB
Figure 7. Integral Nonlinearity vs. Code
300000
0
67
CODE IN HEX
250000
200000
150000
100000
50000
8
9
ABC
00
0
0
258774
1905
441
Figure 8. Histogram of a DC Input at the Code Center
0
–180
0200
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
40
60
20
160
140
120
100
80
180
fS = 500kSPS
fIN = 0.95kHz
SNR = 96.4dB
THD = –121dB
SFDR = 124dB
SINAD = 96.4dB
Figure 9. FFT Plot
1.0
–1.0
0
65536
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
16384
32768
49152
POSITIVE DNL = +0.22LSB
NEGATIVE DNL = –0.22LSB
Figure 10. Differential Nonlinearity vs. Code
160000
0
7
CODE IN HEX
120000
140000
100000
80000
60000
40000
20000
89
A
B
C
D
00
0
126066
135054
00
Figure 11. Histogram of a DC Input at the Code Transition
INPUT LEVEL (dB)
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
SNR
THD
90
91
92
93
94
95
96
97
98
99
100
–10
–8
–6
–4
–2
0
Figure 12. SNR, THD vs. Input Level


Similar Part No. - AD7693BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
   16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
More results

Similar Description - AD7693BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com