Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7689ACPZRL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7689ACPZRL7
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689ACPZRL7 Datasheet(HTML) 5 Page - Analog Devices

  AD7689ACPZRL7 Datasheet HTML 1Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 2Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 3Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 4Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 5Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 6Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 7Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 8Page - Analog Devices AD7689ACPZRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 5 of 35
Parameter
Test Conditions/
Comments
AD7689A
AD7682B/AD7689B
Unit
Min
Typ
Max
Min
Typ
Max
WLFCSP
fIN = 20 kHz, VREF = 5 V
91
92
dB
fIN = 20 kHz, VREF = 4.096 V,
internal REF
89.5
91
dB
fIN = 20 kHz, VREF = 2.5 V,
internal REF
86
87.5
dB
SINAD
LFCSP
fIN = 20 kHz, VREF = 5 V
89
91
92.5
dB
fIN = 20 kHz, VREF = 5 V,
−60 dB input
30.5
33.5
dB
fIN = 20 kHz, VREF = 4.096 V
internal REF
88
90
91
dB
fIN = 20 kHz, VREF = 2.5 V
internal REF
86
87
88.4
dB
WLFCSP
fIN = 20 kHz, VREF = 5 V
89.5
91
dB
fIN = 20 kHz, VREF = 5 V,
−60 dB input
32
dB
fIN = 20 kHz, VREF = 4.096 V
internal REF
88.5
89.5
dB
fIN = 20 kHz, VREF = 2.5 V
internal REF
85.5
87
dB
Total Harmonic
Distortion (THD)
fIN = 20 kHz
−97
−100
dB
Spurious-Free Dynamic
Range
fIN = 20 kHz
105
110
dB
Channel-to-Channel
Crosstalk
fIN = 100 kHz on
adjacent channel(s)
−120
−125
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
Full bandwidth
1.7
1.7
MHz
¼ bandwidth
0.425
0.425
MHz
Aperture Delay
VDD = 5 V
2.5
2.5
ns
1
See the Analog Inputs section.
2
The bandwidth is set in the configuration register.
3
LSB means least significant bit. With the 5 V input range, one LSB is 76.3 µV.
4
See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
5
With VDD = 5 V, unless otherwise noted.
6
All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.


Similar Part No. - AD7689ACPZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689ACPZRL7 AD-AD7689ACPZRL7 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZRL7 AD-AD7689ACPZRL7 Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
More results

Similar Description - AD7689ACPZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
   16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
   16-Bit, 250 kSPS PulSAR
REV. B
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com