Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7982BRMZRL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7982BRMZRL7
Description  18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982BRMZRL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7982BRMZRL7 Datasheet HTML 1Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 2Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 3Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 4Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 5Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 6Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 7Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 8Page - Analog Devices AD7982BRMZRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
18-Bit, 1 MSPS PulSAR 7 mW ADC in
MSOP/LFCSP
Data Sheet
AD7982
FEATURES
18-bit resolution with no missing codes
Throughput: 1 MSPS
Low power dissipation
4 mW at 1 MSPS (VDD only)
7 mW at 1 MSPS (total)
70 μW at 10 kSPS
INL: ±1 LSB typical, ±2 LSB maximum
Dynamic range: 99 dB typical
True differential analog input range: ±VREF
0 V to VREF with VREF between 2.5 V to 5.0 V
Allows use of any input range
Easy to drive with the ADA4941-1 or ADA4940-1
No pipeline delay
Single-supply 2.5 V operation with 1.8 V, 2.5 V, 3 V, and 5 V
logic interface
Proprietary serial interface SPI-/QSPI™/ MICROWIRE™-/
DSP-compatible1
Ability to daisy-chain multiple ADCs and busy indicator
10-Lead MSOP and 3 mm × 3 mm 10-Lead LFCSP
APPLICATIONS
Battery-powered equipment
Data acquisition systems
Medical instruments
Seismic data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
AD7982
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO 5V
ADA4940-1/
ADA4941-1
3- OR 4-WIRE
INTERFACE
(SPI, CS
DAISY CHAIN)
2.5V TO 5V 2.5V
±10V, ±5V, ..
Figure 1.
GENERAL DESCRIPTION
The AD7982 is an 18-bit, successive approximation, analog-to-
digital converter (ADC) that operates from a single power supply,
VDD. The AD7982 contains a low power, high speed, 18-bit
sampling ADC and a versatile serial interface port. On the CNV
rising edge, the AD7982 samples the voltage difference between
the IN+ and IN− pins. The voltages on these pins usually swing
in opposite phases between 0 V and VREF. The reference voltage,
VREF, is applied externally and can be set independent of the
supply voltage, VDD. Its power scales linearly with throughput.
The serial peripheral interface (SPI)-compatible serial interface
also features the ability, using the SDI input, to daisy-chain
several ADCs on a single 3-wire bus and provides an optional
busy indicator. The AD7982 is compatible with 1.8 V, 2.5 V, 3 V,
and 5 V logic, using the separate VIO supply.
The AD7982 is available in a 10-lead MSOP or a 10-lead LFCSP
with operation specified from −40°C to +85°C.
Table 1. MSOP and LFCSP 14-/16-/18-Bit PulSAR® ADCs
Bits
100 kSPS
250 kSPS
400 kSPS
to 500 kSPS
≥1000 kSPS
181
AD7989-1
AD7691
AD7690
AD7982
AD7989-5
AD7984
161
AD7684
AD7687
AD7688
AD7915
AD7693
AD7916
162
AD7680
AD7685
AD7686
AD7980
AD7683
AD7694
AD7988-5
AD7983
AD7988-1
142
AD7940
AD7942
AD7946
1 True differential.
2 Pseudo differential.
1 Protected by U.S. Patent 6,703,961.
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD7982BRMZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
More results

Similar Description - AD7982BRMZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com