Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE39456-6 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39456-6
Description  SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39456-6 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39456-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39456-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39456-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39456-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
How to Order
Part Number Configuration:
PE39456-6
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39456-6-12 = 12 inches long cable
PE39456-6-100cm = 100 cm long cable
SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax,
RoHS from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length
Using PE-SR402FL Coax, RoHS PE39456-6
URL: http://www.pasternack.com/sma-male-n-female-pe-sr402fl-cable-assembly-pe39456-6-p.aspx
PE39456-6 REV 1.1
PE39456-6
SMA Male Right Angle to N Female Bulkhead Semi-Flexible
Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS


Similar Part No. - PE39456-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-18 PASTERNACK-PE39456-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-24 PASTERNACK-PE39456-24 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-9 PASTERNACK-PE39456-9 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
More results

Similar Description - PE39456-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39428-6 PASTERNACK-PE39428-6 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39455-6 PASTERNACK-PE39455-6 Datasheet
371Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39427-6 PASTERNACK-PE39427-6 Datasheet
370Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-6 PASTERNACK-PE39484-6 Datasheet
375Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39483-6 PASTERNACK-PE39483-6 Datasheet
372Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-24 PASTERNACK-PE39456-24 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39456 PASTERNACK-PE39456_15 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39428-18 PASTERNACK-PE39428-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-9 PASTERNACK-PE39456-9 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com