Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3879 Datasheet(PDF) 3 Page - International Rectifier

Part # 1N3879
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

1N3879 Datasheet(HTML) 3 Page - International Rectifier

  1N3879 Datasheet HTML 1Page - International Rectifier 1N3879 Datasheet HTML 2Page - International Rectifier 1N3879 Datasheet HTML 3Page - International Rectifier 1N3879 Datasheet HTML 4Page - International Rectifier 1N3879 Datasheet HTML 5Page - International Rectifier 1N3879 Datasheet HTML 6Page - International Rectifier 1N3879 Datasheet HTML 7Page - International Rectifier 1N3879 Datasheet HTML 8Page - International Rectifier 1N3879 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1N3879(R), 1N3889(R), 6/ 12/ 16FL(R) Series
23
3
Recovery Characteristics
1N3879. 1N3889.
6FL..
Parameter
1N3883. 1N3893.
12FL..
Units Conditions
16FL..
S02 S05
t
rr
Max. reverse recovery time
150
150
...
...
T
J = 25°C, IF = 1A to VR= 30V, dIF/dt = 100A/µs
300 *
300 *
200 500
T
J = 25°C, dIF/dt = 25A/µs, IFM = p x rated IF(AV)
Q
RR
Max. reverse
400
350
...
...
T
J = 25°C, IF = 1A to VR= 30V, dIF/dt = 100A/µs
recovered charge
400
400
...
...
T
J = 25°C, dIF/dt = 25A/µs, IFM = p x rated IF(AV)
I
RM(REC) Max. peak recovery current
4 *
5 *
...
---
I
FM = p x rated IF(AV)
ns
nC
* JEDEC registered value
1N3879. 1N3889.
Parameter
1N3883. 1N3893.
Units Conditions
6FL..
12FL..
16FL..
T
J
Max. junction operating
temperature range
T
stg
Max. storage temperature
range
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Max. thermal resistance,
case to heatsink
T
Allowable mounting torque
1.5 +0-10%
Nm
Not lubricated threads
13
lbf.in
1.2 +0-10%
Nm
Lubricated threads
10
lbf.in
wt
Approximate weight
7 (0.25)
g (oz)
Case style
DO-203AA(DO-4)
JEDEC
-65 to 150
-65 to 175
°C
Thermal and Mechanical Specification
2.5
2.0
1.6
DC operation
0.5
Mounting surface, smooth, flat and greased
C/W
180°
0.58
0.46
0.37
0.33
0.26
0.21
120°
0.60
0.48
0.39
0.58
0.46
0.37
60°
1.28
1.02
0.82
1.28
1.02
0.82
30°
2.20
1.76
1.41
2.20
1.76
1.41
Conduction angle
Sinusoidal conduction
Rectangular conduction
Units
Conditions
K/W
1N3879.
1N3889.
1N3879.
1N3889.
1N3883.
1N3893.
1N3883.
1N3893.
6FL..
12FL..
16FL..
6FL..
12FL..
16FL..
T
J = 150°C
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)


Similar Part No. - 1N3879

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
GeneSiC Semiconductor, ...
1N3879 GENESIC-1N3879 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Similar Description - 1N3879

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com