Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M034 Datasheet(PDF) 14 Page - ON Semiconductor

Part # MT9M034
Description  1/3-Inch CMOS Digital Image Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button MT9M034_17 Datasheet HTML 10Page - ON Semiconductor MT9M034_17 Datasheet HTML 11Page - ON Semiconductor MT9M034_17 Datasheet HTML 12Page - ON Semiconductor MT9M034_17 Datasheet HTML 13Page - ON Semiconductor MT9M034_17 Datasheet HTML 14Page - ON Semiconductor MT9M034_17 Datasheet HTML 15Page - ON Semiconductor MT9M034_17 Datasheet HTML 16Page - ON Semiconductor MT9M034_17 Datasheet HTML 17Page - ON Semiconductor MT9M034_17 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
MT9M034
www.onsemi.com
14
Table 7. KNEE POINTS FOR COMPRESSION TO 14 BITS
T1/T2
Exposure
Ratio (R1)
R0x3082[3:2]
P1
POUT1 = P1
P2
POUT2 =
(P2 − P1) / R1 + POUT1
T2/T3
Exposure
Ratio (R2)
R0x3082[5:4]
PMAX
POUTMAX
= (PMAX − P2) /
(R1 y R2) + POUT2
4x
212
4096
214
7168
4x
216
10240
8x
217
10752
16x
218
11008
8x
212
4096
215
7680
4x
217
10752
8x
218
11264
16x
219
11520
16x
212
4096
216
7936
4x
218
11008
8x
219
11520
16x
220
11776
Table 8. KNEE POINTS FOR COMPRESSION TO 12 BITS
T1/T2
Exposure
Ratio (R1)
R0x3082[3:2]
P1
POUT1 = P1
P2
POUT2 =
(P2 − P1) / R1 + POUT1
T2/T3
Exposure
Ratio (R2)
R0x3082[5:4]
PMAX
POUTMAX
= (PMAX − P2) /
(R1 y R2) + POUT2
4x
211
2048
214
2944
8x
217
3840
16x
218
3904
8x
211
2048
215
3008
4x
217
3776
8x
218
3904
16x
219
3968
16x
211
2048
216
3040
4x
218
3808
8x
219
3936
16x
220
4000
HDR Specific Exposure Settings
In HDR mode, pixel values are stored in line buffers while
waiting for all 3 exposures to be available for final pixel data
combination. There are 42 line buffers used to store
intermediate T1 data. Due to this limitation, the maximum
coarse integration time possible is equal to 42
× T1 / T2 lines.
For example, if R0x3082[3:2] = 2, the sensor is set to have
T1/T2 ratio = 16x. Therefore the maximum number of
integration lines is 42
× 16 = 672 lines.
If coarse integration time is greater than this, the T2
integration time will stay at 42. The sensor will calculate the
ratio internally,enabling the linearization to be performed.
If companding is being than relinearization would still
follow the programmed ratio. For example if the T1 / T2
ratio was programmed to 16x but coarse integration was
increased beyond 672 than one would still use the 16x
relinearization formulas.
An additional limitation is the maximum number of
exposure lines in relation to the frame_length_lines register.
In Linear mode, maximum coarse_integration_time =
frame_length_lines − 1. However in HDR mode, since the
coarse integration time register controls T1, the max
coarse_integration time is frame_length_lines − 45.
Putting the two criteria listed above together, it can be
summarized as follows:
maximum coarse_integration_time + minimum(42
T1 T2, frame_length_lines * 45)
(eq. 3)
In HDR mode, subline integration is not utilized. As such,
fine integration time register changes will have no effect on
the image.
There is also a limitation of the minimum number of
exposure lines that can be used. This is summarized in the
following formula:
minimumcoarse_integration_time + (0.5)
(T1 T2)
(T2 T3)
(eq. 4)


Similar Part No. - MT9M034_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M034I12STC-DPBR ONSEMI-MT9M034I12STC-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STC-DRBR ONSEMI-MT9M034I12STC-DRBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DRBR1 ONSEMI-MT9M034I12STC-DRBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STM-DPBR ONSEMI-MT9M034I12STM-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
More results

Similar Description - MT9M034_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com