Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9P006 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MT9P006
Description  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P006 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MT9P006_17 Datasheet HTML 4Page - ON Semiconductor MT9P006_17 Datasheet HTML 5Page - ON Semiconductor MT9P006_17 Datasheet HTML 6Page - ON Semiconductor MT9P006_17 Datasheet HTML 7Page - ON Semiconductor MT9P006_17 Datasheet HTML 8Page - ON Semiconductor MT9P006_17 Datasheet HTML 9Page - ON Semiconductor MT9P006_17 Datasheet HTML 10Page - ON Semiconductor MT9P006_17 Datasheet HTML 11Page - ON Semiconductor MT9P006_17 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
MT9P006
www.onsemi.com
8
OUTPUT DATA TIMING
The output images are divided into frames, which are
further divided into lines. By default, the sensor produces
1944 rows of 2592 columns each. The FV and LV signals
indicate the boundaries between frames and lines,
respectively. PIXCLK can be used as a clock to latch the
data. For each PIXCLK cycle, one 12−bit pixel datum
outputs on the DOUT pins. When both FV and LV are
asserted, the pixel is valid. PIXCLK cycles that occur when
FV is negated are called vertical blanking. PIXCLK cycles
that occur when only LV is negated are called horizontal
blanking.
Figure 8. Default Pixel Output Timing
PIXCLK
FV
LV
DOUT [11:0]
P0
P1
P2
P3
P4
Vertical Blanking
Horiz Blanking
Valid Image Data
Horiz Blanking
Vertical Blanking
Pn
LV and FV
The timing of the FV and LV outputs is closely related to
the row time and the frame time.
FV will be asserted for an integral number of row times,
which will normally be equal to the height of the output
image. If Show_Dark_Rows is set, the dark sample rows
will be output before the active image, and FV will be
extended to include them. In this case, FV’s leading edge
happens at time 0.
LV will be asserted during the valid pixels of each row.
The leading edge of LV will be offset from the leading edge
of FV by 609 PIXCLKs. If Show_Dark_Columns is set, the
dark columns will be output before the image pixels, and LV
will be extended back to include them; in this case, the first
pixel of the active image still occurs at the same position
relative to the leading edge of FV. Normally, LV will only be
asserted if FV is asserted; this is configurable as described
below.
LV Format Options
The default situation is for LV to be negated when FV is
negated. The other option available is shown in Figure 9. If
Continuous_LV is set, LV is asserted even when FV is not,
with the same period and duty cycle. If XOR_Line_Valid is
set, but not Continuous_Line_Valid, the resulting LV will be
the XOR of FV and the continuous LV.
Figure 9. LV Format Options
Default
Continuous LV
XOR LV
FV
LV
FV
LV
FV
LV
The timing of an entire frame is shown in Figure 10.


Similar Part No. - MT9P006_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P006I12STCU-DP ONSEMI-MT9P006I12STCU-DP Datasheet
1Mb / 47P
   CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
MT9P006I12STCU-DR ONSEMI-MT9P006I12STCU-DR Datasheet
1Mb / 47P
   CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
More results

Similar Description - MT9P006_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com