Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9P401 Datasheet(PDF) 21 Page - ON Semiconductor

Part # MT9P401
Description  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P401 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button MT9P401_17 Datasheet HTML 17Page - ON Semiconductor MT9P401_17 Datasheet HTML 18Page - ON Semiconductor MT9P401_17 Datasheet HTML 19Page - ON Semiconductor MT9P401_17 Datasheet HTML 20Page - ON Semiconductor MT9P401_17 Datasheet HTML 21Page - ON Semiconductor MT9P401_17 Datasheet HTML 22Page - ON Semiconductor MT9P401_17 Datasheet HTML 23Page - ON Semiconductor MT9P401_17 Datasheet HTML 24Page - ON Semiconductor MT9P401_17 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
MT9P401
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
21
Table 13. REGISTER DESCRIPTION (continued)
Reg. #
Name
Default
Bits
R17:0
R0x011
15:0
0x6404
PLL Config 1 (RW)
15:8
0x0064
PLL m Factor
PLL output frequency multiplier
Legal values: [16, 255]
7:6
X
Reserved
5:0
0x0004
PLL n Divider
PLL output frequency divider minus 1
Legal values: [0, 63]
R18:0
R0x012
15:0
0x0000
PLL Config 2 (RW)
15:13
X
Reserved
12:8
0x0000
Reserved
7:5
X
Reserved
4:0
0x0000
PLL p1 Divider
PLL system clock divider minus 1. Use odd numbers. If this is set to an even
number, the system clock duty cycle will not be 50:50. In this case, set all bits in
R101 or slow down EXTCLK
Legal values: [0, 127]
R30:0
R0x01E
15:0
0x4006
Read Mode 1 (RW)
15
X
Reserved
14
0x0001
Reserved
13
0x0000
Reserved
12
0x0000
Reserved
11
0x0000
XOR Line Valid
When set, produce a LV signal that is the XOR of FV and the normal line_valid.
Ineffective if Continuous Line Valid is set. When clear, produce a normal LV
10
0x0000
Continuous Line Valid
When set, produce the LV signal even during the vertical blank period. When
clear, produce LV only when active rows are being read out (that is, only when FV
is high). Ineffective if FIFO_Parallel_Data is set
9
0x0000
Invert Trigger
When set, the sense of the TRIGGER input pin will be inverted
8
0x0000
Snapshot
When set, the sensor enters snapshot mode, and will wait for a trigger event
between frames. When clear, the sensor is in continuous mode. Writes are
synchronized to frame boundaries. Affected by Synchronize_Changes
7
0x0000
Global Reset
When set, the Global Reset Release shutter will be used. When clear, the
Electronic Rolling Shutter will be used. Writes are synchronized to frame
boundaries. Affected by Synchronize_Changes
6
0x0000
Bulb Exposure
When set, exposure time will be controlled by an external trigger. When clear,
exposure time will be controlled by the Shutter_Width_Lower and Shut-
ter_Width_Upper registers. Writes are synchronized to frame boundaries. Affected
by Synchronize_Changes
5
0x0000
Invert Strobe
When set, the STROBE signal will be active LOW (during exposure).
When clear, the STROBE signal is active HIGH
4
0x0000
Strobe Enable
When set, a strobe signal will be generated by the digital logic during integration.
When clear, the strobe pin will be set to the value of Invert_Strobe


Similar Part No. - MT9P401_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P401I12STC-DP ONSEMI-MT9P401I12STC-DP Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9P401I12STC-DR ONSEMI-MT9P401I12STC-DR Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
More results

Similar Description - MT9P401_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com