Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V023 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MT9V023
Description  1/3-Inch Wide?륷GA CMOS Digital Image Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V023 Datasheet(HTML) 2 Page - ON Semiconductor

  MT9V023_17 Datasheet HTML 1Page - ON Semiconductor MT9V023_17 Datasheet HTML 2Page - ON Semiconductor MT9V023_17 Datasheet HTML 3Page - ON Semiconductor MT9V023_17 Datasheet HTML 4Page - ON Semiconductor MT9V023_17 Datasheet HTML 5Page - ON Semiconductor MT9V023_17 Datasheet HTML 6Page - ON Semiconductor MT9V023_17 Datasheet HTML 7Page - ON Semiconductor MT9V023_17 Datasheet HTML 8Page - ON Semiconductor MT9V023_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
MT9V023
www.onsemi.com
2
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Value
Optical Format
1/3-inch
Active Imager Size
4.51 mm (H) x 2.88 mm (V)
5.35 mm diagonal
Active Pixels
752 H x 480 V
Pixel Size
6.0 x 6.0 μm
Color Filter Array
Monochrome or color RGB Bayer
pattern
Shutter Type
Global Shutter
Maximum Data Rate
Master Clock
27 Mp/s
27 MHz
Full Resolution
752 x 480
Frame Rate
60 fps (at full resolution)
ADC Resolution
10-bit column-parallel
Responsivity
4.8 V/lux−sec (550 nm)
Dynamic Range
>55 dB linear;
>110 dB in HDR mode
Supply Voltage
3.3 V ± 0.3 V (all supplies)
Power Consumption
<160 mW at maximum data rate
(LVDS disabled); 120 μW standby
power
Operating Temperature
–40°C to +105°C ambient
Packaging
52-ball IBGA, automotive-qualified;
wafer or die
ORDERING INFORMATION
Table 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Orderable Product Attribute Description
MT9V023IA7XTC−DP
VGA 1/3” GS CIS
Dry Pack with Protective Film
MT9V023IA7XTC−DR
VGA 1/3” GS CIS
Dry Pack without Protective Film
MT9V023IA7XTC−TP
VGA 1/3” GS CIS
Tape & Reel with Protective Film
MT9V023IA7XTC−TR
VGA 1/3” GS CIS
Tape & Reel without Protective Film
MT9V023IA7XTM−DR
VGA 1/3” GS CIS
Dry Pack without Protective Film
MT9V023IA7XTR−TP
VGA 1/3” GS CIS
Tape & Reel with Protective Film


Similar Part No. - MT9V023_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V023IA7XTC-DP ONSEMI-MT9V023IA7XTC-DP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-DR ONSEMI-MT9V023IA7XTC-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TP ONSEMI-MT9V023IA7XTC-TP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TR ONSEMI-MT9V023IA7XTC-TR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTM-DR ONSEMI-MT9V023IA7XTM-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results

Similar Description - MT9V023_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com