Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G32GV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC1G32GV
Description  2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G32GV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC1G32GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 9Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 10Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 11Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 Jun 05
8
Philips Semiconductors
Product specification
2-input OR gate
74AHC1G32; 74AHCT1G32
AC WAVEFORMS
Fig.5 The input (A and B) to output (Y) propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM INPUT
VM
OUTPUT
AHC1G
GND to VCC
50% VCC
50% VCC
AHCT1G
GND to 3.0 V
1.5 V
50% VCC
handbook, halfpage
MNA167
A, B input
Y output
tPHL
tPLH
VM
VM
Fig.6 Load circuitry for switching times.
handbook, halfpage
VCC
VI
VO
MNA101
D.U.T.
CL
RT
PULSE
GENERATOR
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance. (See Chapter “AC characteristics” for values).
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.


Similar Part No. - 74AHC1G32GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32GV NXP-74AHC1G32GV Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
74AHC1G32GV NXP-74AHC1G32GV Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Nexperia B.V. All right...
74AHC1G32GV NEXPERIA-74AHC1G32GV Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
74AHC1G32GV-Q100 NEXPERIA-74AHC1G32GV-Q100 Datasheet
686Kb / 13P
   2-input OR gate
74AHC1G32GV-Q100 NEXPERIA-74AHC1G32GV-Q100 Datasheet
214Kb / 11P
   2-input OR gate
Rev. 3 - 11 January 2022
More results

Similar Description - 74AHC1G32GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com