Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

93AA46A Datasheet(PDF) 10 Page - Microchip Technology

Part # 93AA46A
Description  1K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46A Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93AA46A Datasheet HTML 6Page - Microchip Technology 93AA46A Datasheet HTML 7Page - Microchip Technology 93AA46A Datasheet HTML 8Page - Microchip Technology 93AA46A Datasheet HTML 9Page - Microchip Technology 93AA46A Datasheet HTML 10Page - Microchip Technology 93AA46A Datasheet HTML 11Page - Microchip Technology 93AA46A Datasheet HTML 12Page - Microchip Technology 93AA46A Datasheet HTML 13Page - Microchip Technology 93AA46A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
DS21749D-page 10
 2003 Microchip Technology Inc.
2.9
WRITE ALL (WRAL)
The Write All (WRAL) instruction will write the entire
memory array with the data specified in the command.
For 93AA46A/B/C and 93LC46A/B/C devices, after the
last data bit is clocked into DI, the falling edge of CS
initiates the self-timed auto-erase and programming
cycle. For 93C46A/B/C devices, the self-timed auto-
erase and programming cycle is initiated by the rising
edge of CLK on the last data bit. Clocking of the CLK
pin is not necessary after the device has entered the
WRAL cycle. The WRAL command does include an
automatic ERAL cycle for the device. Therefore, the
WRAL
instruction does not require an ERAL instruction
but the chip must be in the EWEN status.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
VCC must be
≥ 4.5V for proper operation of WRAL.
FIGURE 2-10:
WRAL TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-11:
WRAL TIMING FOR 93C DEVICES
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
VCC must be
≥ 4.5V for proper operation of WRAL.
TCSL
TSV
TCZ
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
TCSL
TSV
TCZ


Similar Part No. - 93AA46A

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
93AA46A MICROCHIP-93AA46A Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93AA46A MICROCHIP-93AA46A Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93AA46A MICROCHIP-93AA46A Datasheet
915Kb / 36P
   1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93AA46A MICROCHIP-93AA46A Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A-E/MC MICROCHIP-93AA46A-E/MC Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
More results

Similar Description - 93AA46A

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1997
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
   1K 2.5V Microwire Serial EEPROM
2000 - 2001
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1996
93AA46A MICROCHIP-93AA46A_11 Datasheet
915Kb / 36P
   1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93AA46A MICROCHIP-93AA46A_07 Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com