Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3956-60 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3956-60
Description  SMA Male to SMA Female Bulkhead Cable 60 Inch Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3956-60 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3956-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female Bulkhead
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Dielectric Type
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3956-60 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable 60 Inch Length Using RG58 Coax PE3956-60
RF Cable Assemblies Technical Data Sheet
PE3956-60
SMA Male to SMA Female Bulkhead Cable
60 Inch Length Using RG58 Coax


Similar Part No. - PE3956-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results

Similar Description - PE3956-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3835LF-60 PASTERNACK-PE3835LF-60 Datasheet
662Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length
PE3835-60 PASTERNACK-PE3835-60 Datasheet
656Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length
PE3825LF-60 PASTERNACK-PE3825LF-60 Datasheet
373Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length RF Cable
PE3825-60 PASTERNACK-PE3825-60 Datasheet
368Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length RF Cable
PE3836LF-60 PASTERNACK-PE3836LF-60 Datasheet
667Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length
PE3836-60 PASTERNACK-PE3836-60 Datasheet
660Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length
PE3832-60 PASTERNACK-PE3832-60 Datasheet
347Kb / 4P
   SMA Male to SMA Female Cable 60 Inch Length
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com