Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8641ARZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8641ARZ-REEL
Description  Low Power, Rail-to-Rail Output Precision JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8641ARZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8641ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8641ARZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8641
Rev. 0 | Page 7 of 12
0.1
1
10
100
1000
50
75
0
25
100
125
150
TEMPERATURE (
°C)
VSY = ±13V
Figure 9. Input Bias Current vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
VSY = +5V OR ±5V
Figure 10. Input Bias Current vs. VCM
–15 –13 –11
–9
–7
–5
–3
–1
1
3
5
7
9
11
13
15
VCM (V)
0
–100
0
200
600
800
1000
400
100
500
700
900
300
VSY = ±13V
Figure 11. Input Offset Voltage vs. VCM
–500
–400
–300
–200
–100
0
100
200
300
400
500
1.0
1.5
0
0.5
2.0
2.5
VCM (V)
VSY =5V
Figure 12. Input Offset Voltage vs. VCM
10k
1M
100k
10M
LOAD RESISTANCE (k
Ω)
0.1
10
1
100
VSY = ±13V
VSY = ±2.5V
Figure 13. Open-Loop Gain vs. Load Resistance
1
100
10
1000
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
A. VSY = ±13V, VO = ±11V, RL = 10kΩ
B. VSY = ±13V, VO = ±11V, RL = 2kΩ
C. VSY = +5V, VO = +0.5V/+4.5V, RL = 10kΩ
D. VSY = +5V, VO = +0.5V/+4.5V, RL = 2kΩ
E. VSY = +5V, VO = +0.5V/+4.5V, RL = 600Ω
A
B
C
D
E
Figure 14. Open-Loop Gain vs. Temperature


Similar Part No. - AD8641ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641ARZ-REEL AD-AD8641ARZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641ARZ-REEL AD-AD8641ARZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641ARZ-REEL7 AD-AD8641ARZ-REEL7 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641ARZ-REEL7 AD-AD8641ARZ-REEL7 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641ARZ-REEL7 AD-AD8641ARZ-REEL7 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
More results

Similar Description - AD8641ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Texas Instruments
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com