Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8664ARUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8664ARUZ
Description  16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8664ARUZ Datasheet(HTML) 4 Page - Analog Devices

  AD8664ARUZ Datasheet HTML 1Page - Analog Devices AD8664ARUZ Datasheet HTML 2Page - Analog Devices AD8664ARUZ Datasheet HTML 3Page - Analog Devices AD8664ARUZ Datasheet HTML 4Page - Analog Devices AD8664ARUZ Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Technical Data
AD8661/AD8662/AD8664
-
4-
Rev PrA 10/5/04
ABSOLUTE MAXIMUM RATINGS1
Supply voltage.........................................................................+18V
Input Voltage ....................................................................Gnd to Vs
Differential Input Voltage .......................................................±18V
Output Short-Circuit Duration to Gnd2.....Observe Derating Curves
Storage Temperature Range
R, CP, RM, RU Package................................-65°C to +150°C
Operating Temperature Range
AD8661/AD8662/AD8664 ............................-40°C to +125°C
Junction Temperature Range
R, CP, RM, RU Package................................-65°C to +150°C
Lead Temperature Range (Soldering, 60 Sec)
............. +300°C
Package Type
θJA
θJC
Units
8-Pin LFCSP (CP)
--
°C/W
8-Pin microSOIC (RM)
210
45
°C/W
8-Pin SOIC (R)
158
43
°C/W
14-Pin SOIC (R)
120
36
°C/W
14-Pin TSSOP (RU)
180
35
°C/W
NOTES
1 Absolute maximum ratings apply at 25°C, unless otherwise noted.
2 θJA is specified for the worst-case conditions, i.e., θJAis specified for device soldered
in circuit board for surface mount packages.
ORDERING GUIDE
Model
Temperature
Range
Package
Description
Package
Option
Branding
Information
AD8661ACP
-40°C to +125°C
8-Pin LFCSP
CP-8
AD8661ARZ
-40°C to +125°C
8-Pin SOIC
R-8
AD8662ARMZ
-40°C to +125°C
8-Pin micro-SOIC
RM-8
AD8662ARZ
-40°C to +125°C
8-Pin SOIC
R-8
AD8664ARZ
-40°C to +125°C
14-Pin SOIC
R-14
AD8664ARUZ
-40°C to +125°C
14-Pin TSSOP
RU-14
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 1500 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although this device features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or
loss of functionality.


Similar Part No. - AD8664ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8664ARUZ AD-AD8664ARUZ Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8664ARUZ AD-AD8664ARUZ Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8664ARUZ-REEL AD-AD8664ARUZ-REEL Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8664ARUZ-REEL AD-AD8664ARUZ-REEL Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
More results

Similar Description - AD8664ARUZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
ADA4891-1 AD-ADA4891-1 Datasheet
653Kb / 24P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. B
ADA4891-1ARJZ AD-ADA4891-1ARJZ Datasheet
417Kb / 20P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. A
ADA4891-1 AD-ADA4891-1_17 Datasheet
704Kb / 24P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com