Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM2402 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM2402
Description  Quad-Channel Digital Isolators, 5KV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2402 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM2402 Datasheet HTML 3Page - Analog Devices ADUM2402 Datasheet HTML 4Page - Analog Devices ADUM2402 Datasheet HTML 5Page - Analog Devices ADUM2402 Datasheet HTML 6Page - Analog Devices ADUM2402 Datasheet HTML 7Page - Analog Devices ADUM2402 Datasheet HTML 8Page - Analog Devices ADUM2402 Datasheet HTML 9Page - Analog Devices ADUM2402 Datasheet HTML 10Page - Analog Devices ADUM2402 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Preliminary Technical Data
ADuM2400/ADuM2401/ADuM2402
Rev. PrD | Page 7 of 23
NOTES
1
All voltages are relative to their respective ground.
2
Supply current values are for all four channels combined running at identical data rates. Output supply current values are specified with no output load present. The
supply current associated with an individual channel operating at a given data rate may be calculated as described in the Power Consumption section on page 20 .
See Figure 8 through Figure 10 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 11 through
Figure 14 for total IDD1 and IDD2 supply currents as a function of data rate for ADuM2400/ADuM2401/ADuM2402 channel configurations.
3
The minimum pulsewidth is the shortest pulsewidth at which the specified pulsewidth distortion is guaranteed.
4
The maximum data rate is the fastest data rate at which the specified pulsewidth distortion is guaranteed.
5
tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay
is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
6
tPSK is the magnitude of the worst-case difference in tPHL or tPLH that will be measured between units at the same operating temperature, supply voltages, and output
load within the recommended operating conditions.
7
Co-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of
the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels
with inputs on opposing sides of the isolation barrier.
8
CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8VDD2. CML is the maximum common-mode voltage slew rate
than can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The
transient magnitude is the range over which the common mode is slewed.
9
Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See Figure 8 through Figure 10 for
information on per-channel supply current for unloaded and loaded conditions. See Power Consumption section on page 19 for guidance on calculating per-
channel supply current for a given data rate.


Similar Part No. - ADUM2402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2402 AD-ADUM2402 Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADuM2402 AD-ADuM2402 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM2402 AD-ADUM2402 Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
ADuM2402ARIZ AD-ADuM2402ARIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADuM2402ARIZ AD-ADuM2402ARIZ Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
More results

Similar Description - ADUM2402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com