Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM2400CRWZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM2400CRWZ
Description  Quad-Channel Digital Isolators, 5KV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2400CRWZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM2400CRWZ Datasheet HTML 1Page - Analog Devices ADUM2400CRWZ Datasheet HTML 2Page - Analog Devices ADUM2400CRWZ Datasheet HTML 3Page - Analog Devices ADUM2400CRWZ Datasheet HTML 4Page - Analog Devices ADUM2400CRWZ Datasheet HTML 5Page - Analog Devices ADUM2400CRWZ Datasheet HTML 6Page - Analog Devices ADUM2400CRWZ Datasheet HTML 7Page - Analog Devices ADUM2400CRWZ Datasheet HTML 8Page - Analog Devices ADUM2400CRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADuM2400/ADuM2401/ADuM2402
Preliminary Technical Data
Rev. PrD| Page 2 of 23
ELECTRICAL CHARACTERISTICS—5 V OPERATION1
4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All min/max specifications apply over the entire recommended operation range, unless
otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, per Channel, Quiescent
IDDI(Q)
0.50
0.53
mA
Output Supply Current, per Channel, Quiescent
IDDO(Q)
0.19
0.21
mA
ADuM2400, Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
2.2
2.8
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2(Q)
0.9
1.4
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 Supply Current
IDD1(10)
8.6
10.6
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2(10)
2.6
3.5
mA
5 MHz logic signal freq.
90 Mbps (CRWZ Grade Only)
VDD1 Supply Current
IDD1(90)
76
100
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2(90)
21
25
mA
45 MHz logic signal freq.
ADuM2401, Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
1.8
2.4
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2(Q)
1.2
1.8
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 Supply Current
IDD1(10)
7.1
9.0
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2(10)
4.1
5.0
mA
5 MHz logic signal freq.
90 Mbps (CRWZ Grade Only)
VDD1 Supply Current
IDD1(90)
62
82
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2(90)
35
43
mA
45 MHz logic signal freq.
ADuM2402, Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 or VDD2 Supply Current
IDD1(Q),
IDD2(Q)
1.5
2.1
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 or VDD2 Supply Current
IDD1(10),
IDD2(10)
5.6
7.0
mA
5 MHz logic signal freq.
90 Mbps (CRWZ Grade Only)
VDD1 or VDD2 Supply Current
IDD1(90),
IDD2(90)
49
62
mA
45 MHz logic signal freq.
For All Models
Input Currents
IIA, IIB, IIC,
IID, IE1, IE2
–10
0.01
10
µA
0 ≤ VIA, VIB, VIC, VID ≤ VDD1 or VDD2,
0 ≤ VE1, VE2 ≤ VDD1 or VDD2
Logic High Input Threshold
VIH, VEH
2.0
V
Logic Low Input Threshold
VIL, VEL
0.8
VDD1,VDD2 – 0.1 5.0
V
IOx = –20 µA, VIx = VIxH
Logic High Output Voltages
VOAH,VOBH,
VOCH,VODH
VDD1,VDD2 – 0.4 4.8
V
IOx = –4 mA, VIx = VIxH
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.04
0.1
V
IOx = 400 µA, VIx = VIxL
Logic Low Output Voltages
VOAL,VOBL,
VOCL,VODL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL


Similar Part No. - ADUM2400CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2400CRWZ AD-ADuM2400CRWZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADuM2400CRWZ AD-ADuM2400CRWZ Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM2400CRWZ AD-ADUM2400CRWZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM2400CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com