Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQS210 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQS210
Description  PhotoMOS RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQS210 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQS210 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQS210 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQS210 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQS210 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AQS210TS, 210T2S
91
REFERENCE DATA
[1] Relay portion (2, 3, 14, 15, 16 and 4, 5, 11, 12, 13 pins) [AQS210TS] (2, 3, 14, 15, 16 pins) [AQS210T2S]
1. Load current vs. ambient temperature char-
acteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2. On resistance vs. ambient temperature char-
acteristics
Measured portion: between terminals 14 and 16
(AQS210TS), (AQS210T2S); LED current: 5 mA; Load
voltage: Max. (DC); Continuous load current: Max. (DC)
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
20
40
60
80
100
120
–40
0
–20
20
40
60
8085 100
Ambient temperature,
°C
0
50
40
30
20
10
–40
0
–20
20
40
60
8085
Ambient temperature,
°C
0
0.2
0.4
0.6
0.8
1.0
–40
0
–20
20
40
60
8085
Ambient temperature,
°C
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0.4
0.3
0.2
0.1
0
–40
0
20
40
60
8085
–20
Ambient temperature,
°C
0
1
2
3
4
5
–40
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
5
–40
0
–20
20
40
60
80 85
Ambient temperature,
°C
7. LED dropout voltage vs. ambient tempera-
ture characteristics
LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 14 and 16 (AQS210TS),
(AQS210T2S); Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 14 and 16 (AQS210TS),
(AQS210T2S); Ambient temperature: 25
°C 77°F
0
1.0
1.1
1.2
1.3
1.4
1.5
–40
0
–20
20
40
60
8085
50 mA
30 mA
20 mA
10 mA
5 mA
Ambient temperature,
°C
–5 –4 –3 –2 –1
12345
120
80
60
40
20
–20
–40
–60
–80
–100
–120
100
Voltage, V
0
20406080
100
10
–12
10
–9
10
–6
10
–3
Load voltage, V
10. LED forward current vs. turn on time char-
acteristics
Measured portion: between terminals 14 and 16 (AQS210TS),
(AQS210T2S); Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. turn off time char-
acteristics
Measured portion: between terminals 14 and 16 (AQS210TS),
(AQS210T2S); Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 14 and 16
(AQS210TS), (AQS210T2S);
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
0
102030405060
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
LED forward current, mA
0
102030405060
0
0.02
0.04
0.06
0.08
0.10
LED forward current, mA
0
10
20
30
40
50
0
1020304050
Applied voltage, V


Similar Part No. - AQS210

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
   DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210PSX NAIS-AQS210PSX Datasheet
101Kb / 4P
   DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
AQS210PSZ NAIS-AQS210PSZ Datasheet
101Kb / 4P
   DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
More results

Similar Description - AQS210

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
   PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
   PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
   PHOTOMOS RELAYS
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
   PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQW254 NAIS-AQW254 Datasheet
44Kb / 3P
   PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
   PhotoMOS RELAYS
AQW272 NAIS-AQW272 Datasheet
64Kb / 4P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
   PhotoMOS RELAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com