Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5332U5 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5332U5
Description  CMOS LDO with Source-Sink & Output Selection Functions
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5332U5 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5332U5 Datasheet HTML 2Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 3Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 4Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 5Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 9Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Oct., 2003
APL5332
www.anpec.com.tw
6
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
-50
-25
0
25
50
75
100
125
1.0
1.5
2.0
2.5
3.0
3.5
-50
-25
0
25
50
75
100
125
0.784
0.788
0.792
0.796
0.800
0.804
0.808
0.812
0.816
-50
-25
0
25
50
75
100
125
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
-50
-25
0
255075
100
125
Typical Operating Characteristics
Power-On-Reset Threshold Voltage
vs Junction Temperature
Junction Temperature (oC)
VREF Shutdown Threshold
vs Junction Temperature
Junction Temperature (oC)
Sourcing Current-Limit
vs Junction Temperature
Junction Temperature (oC)
Sinking Current-Limit
vs Junction Temperature
Junction Temperature (oC)
VIN = 2.5V or 3.3V
VIN = 3.3V
VIN = 2.5V


Similar Part No. - APL5332U5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5332U5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
2SD2331 PANASONIC-2SD2331 Datasheet
82Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Panasonic Semiconductor
2SD2328 PANASONIC-2SD2328 Datasheet
105Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Analog Devices
MAX38913 AD-MAX38913_V01 Datasheet
1Mb / 20P
   4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com