Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5332U5C-TRL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5332U5C-TRL
Description  CMOS LDO with Source-Sink & Output Selection Functions
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5332U5C-TRL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5332U5C-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 14Page - Anpec Electronics Coropration APL5332U5C-TRL Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Oct., 2003
APL5332
www.anpec.com.tw
11
Figure 3 shows a board layout using the SOP-8-P
package. The demoboard is made of FR-4 material
and is a two-layer PCB. The board size and thickness
are 65mm* 65mm and 1.6mm. The copper thickness
of top and bottom layers is 2 oz. The partial layout
around APL5332 is as the details above and shown in
the figure 2. It uses 15mil vias to connect the top and
bottom ground plane. The
θJA of the APL5332 (SOP-8-
P) mounted on the demodoard is about 41.3oC/W in
free air. Assuming the TA=25oC and the maximum
TJ=150oC (typical thermal limit temperature), the maxi-
mum power dissipation is calculated as :
PD(max) = (150 - 25) / 41.3
= 3.03W
If the TJ is designed to be below 125oC, the calculated
power dissipation should be less than :
PD = (125 - 25) / 41.3
= 2.42W
Application Information
Figure 3(b) Top layer
Figure 3(c) Bottom layer
Figure 3(a) TopOver layer
APL5332
APL5332


Similar Part No. - APL5332U5C-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5332U5C-TRL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
2SD2331 PANASONIC-2SD2331 Datasheet
82Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Panasonic Semiconductor
2SD2328 PANASONIC-2SD2328 Datasheet
105Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Analog Devices
MAX38913 AD-MAX38913_V01 Datasheet
1Mb / 20P
   4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com