Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD123D-B140R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD123D-B140R
Description  Schottky Barrier Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD123D-B140R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD123D-B140R Datasheet HTML 1Page - Bourns Electronic Solutions CD123D-B140R Datasheet HTML 2Page - Bourns Electronic Solutions CD123D-B140R Datasheet HTML 3Page - Bourns Electronic Solutions CD123D-B140R Datasheet HTML 4Page - Bourns Electronic Solutions CD123D-B140R Datasheet HTML 5Page - Bourns Electronic Solutions CD123D-B140R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CD123D-B1xRSchottkyBarrierChipDiodeSeries
Performance Graphs - Model CD123D-B120R & CD123D-B140R
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
Typical Forward Characteristics
Typical Reverse Characteristics
Typical Junction Capacitance
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaim-
ersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/
disclaimer.pdf.
Reverse Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
.
0
0255075
100
125
150
0.2
0.4
0.6
0.8
1.0
1.2
Lead Temperature (°C)
0
110
100
8.3 ms
Single Half Sine-Wave
5
10
15
20
25
Number of Cycles at 60 Hz
Forward Voltage (V)
0.001
0.01
0.10
1.00
10.00
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TA = 25 °C
0.001
0.01
0.10
1.00
10.00
100.00
020406080
100
TJ = 25 °C
TJ = 100 °C
10
100
400
0.1
110
100
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVP-P


Similar Part No. - CD123D-B140R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD123D-B140R BOURNS-CD123D-B140R Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
More results

Similar Description - CD123D-B140R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com