Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ22A4H Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ARJ22A4H
Description  SMD RELAYS WITH 8GHz CAPABILITIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARJ22A4H Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ARJ22A4H Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARJ22A4H Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARJ22A4H Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARJ22A4H Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARJ22A4H Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RJ(ARJ2)
4
DIMENSIONS
mm inch
1. Standard PC board terminal
General tolerance:
±0.3 ±.012
3Better HF characteristics
may be obtained when this
portion is soldered with
PC board ground.
1All bottom surface of the base should be
touched closely or soldered with PC board
ground.
24 ribs should be soldered with PC board ground.
10.6
.417
12.2
.480
14.0
.551
0.50
.020
8.89
.350
12.70
.500
0.40
.016
7.62
.300
3.81
.150
0.50
.020
9.00
.354
11.40
.449
0.20
.008
A
10.4
.409
3.50
.138
8.20
.323
6.36
.250
0.15
.006
0.20
.008
0.50
.020
Expansion of A
0 to 0.2
0 to .008
(Typical: 0.1)
(Typical: .004)
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
NO
NC
Com
Com
5
9
2
87
10
6
3
4
1
+
Direction
indication
Com
Com
NO
NC
6
1
10
3
4
7
2
5
8
9
+
+
2. Surface mount terminal
General tolerance:
±0.3 ±.012
10.6
.417
0.50
.020
8.89
.350
12.2
.480
14.0
.551
15.0
.591
9.00
.354
10.0
.394
11.40
.449
3Better HF characteristics
may be obtained when this
portion is soldered with
PC board ground.
1All bottom surface of the base should be
touched closely or soldered with PC board
ground.
24 ribs should be soldered with PC board ground.
A
8.20
.323
0.50
.020
0.50
.020
10.4
.409
3.81
.150
0.40
.016
0.20
.008
6.36
.250
Expansion of A
0 to 0.2
0 to .008
(Typical: 0.1)
(Typical: .004)
Schematic (Top view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Direction
indication
NO
NC
Com
Com
5
9
2
87
10
6
3
4
1
+
Com
Com
NO
NC
6
1
10
3
4
7
2
5
8
9
+
+
rj.fm
4
y [ W
QOOPNX
PPœ@˛jœ@
OPP
SS“


Similar Part No. - ARJ22A4H

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MCSA-LT2 ABRACON-ARJ21A-MCSA-LT2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results

Similar Description - ARJ22A4H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
   8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
[Old version datasheet]   Evaluation board with robotic capabilities
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
   DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
   DC to 8GHz
logo
Cypress Semiconductor
CY30703 CYPRESS-CY30703 Datasheet
69Kb / 4P
   Demonstrates CY27EE16 capabilities
logo
RF Micro Devices
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
logo
Filtronic Compound Semi...
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
   Ultra-High Ripple Capabilities
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com