Electronic Components Datasheet Search |
|
AD7691BRMZ Datasheet(PDF) 8 Page - Analog Devices |
|
AD7691BRMZ Datasheet(HTML) 8 Page - Analog Devices |
8 / 29 page Data Sheet AD7691 Rev. E | Page 7 of 28 ABSOLUTE MAXIMUM RATINGS Table 6. Parameter Rating Analog Inputs (IN+, IN−)1 GND − 0.3 V to VDD + 0.3 V or ±130 mA REF GND − 0.3 V to VDD + 0.3 V Supply Voltages VDD, VIO to GND −0.3 V to +7 V VDD to VIO ±7 V Digital Inputs to GND −0.3 V to VIO + 0.3 V Digital Outputs to GND −0.3 V to VIO + 0.3 V Storage Temperature Range −65°C to +150°C Junction Temperature 150°C Lead Temperature Range JEDEC J-STD-20 1 See the Analog Inputs section. Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. Thermal Resistance θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 7. Thermal Resistance Package Type θJA θJC Unit 10-Lead MSOP 200 44 °C/W 10-Lead LFCSP 43.4 6.5 °C/W ESD CAUTION |
Similar Part No. - AD7691BRMZ |
|
Similar Description - AD7691BRMZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |