Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1110 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1110
Description  PCM CODEC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC1110 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC1110 Datasheet HTML 6Page - Texas Instruments TLV320AIC1110 Datasheet HTML 7Page - Texas Instruments TLV320AIC1110 Datasheet HTML 8Page - Texas Instruments TLV320AIC1110 Datasheet HTML 9Page - Texas Instruments TLV320AIC1110 Datasheet HTML 10Page - Texas Instruments TLV320AIC1110 Datasheet HTML 11Page - Texas Instruments TLV320AIC1110 Datasheet HTML 12Page - Texas Instruments TLV320AIC1110 Datasheet HTML 13Page - Texas Instruments TLV320AIC1110 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TLV320AIC1110
SLAS359 – DECEMBER 2001
10
www.ti.com
electrical characteristics over recommended ranges of supply voltage and free-air temperature (unless
otherwise noted) (continued)
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage PCMO (BUZZCON)
IOH = – 3.2 mA,
VDD = 3 V
DVDD– 0.25
V
VOL
Low-level output voltage PCMO
IOL = 3.2 mA,
VDD = 3 V
0.25
V
IIH
High-level input current, any digital input
VI = VDD
10
µA
IIL
Low-level input current, any digital input
VI = VSS
10
µA
Ci
Input capacitance
10
pF
Co
Output capacitance
20
pF
RL
Load impedance (BUZZCON)
5
k
microphone interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage at MIC1N, MIC2N
See Note 4
– 5
5
mV
IIB
Input bias current at MIC1N, MIC2N
– 300
300
nA
Ci
Input capacitance at MIC1N, MIC2N
5
pF
Vn
Microphone input referred noise, psophometrically weighted,
(C-message weighted is similar)
MIC amp 1 gain = 23.5 dB
MIC amp 2 gain = 0 dB
3
4.7
µVrms
IOmax
Output source current—MBIAS
1
1.2
mA
V(mbias)
Microphone bias supply voltage (see Note 5)
2.3
2.5
2.65
V
MICMUTE
– 80
dB
Input impedance
Fully differential
35
60
100
k
NOTES:
4. Measured while MIC1P and MIC1N are connected together. Less than 0.5-mV offset results in 0 value code on PCMOUT.
5. Not a JEDEC symbol.


Similar Part No. - TLV320AIC1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1110 TI1-TLV320AIC1110 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
TLV320AIC1110GQER TI1-TLV320AIC1110GQER Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
TLV320AIC1110PBS TI1-TLV320AIC1110PBS Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
TLV320AIC1110PBSG4 TI1-TLV320AIC1110PBSG4 Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
TLV320AIC1110PBSR TI1-TLV320AIC1110PBSR Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
More results

Similar Description - TLV320AIC1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com