Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62126BV Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62126BV
Description  64K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126BV Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62126BV Datasheet HTML 1Page - Cypress Semiconductor CY62126BV Datasheet HTML 2Page - Cypress Semiconductor CY62126BV Datasheet HTML 3Page - Cypress Semiconductor CY62126BV Datasheet HTML 4Page - Cypress Semiconductor CY62126BV Datasheet HTML 5Page - Cypress Semiconductor CY62126BV Datasheet HTML 6Page - Cypress Semiconductor CY62126BV Datasheet HTML 7Page - Cypress Semiconductor CY62126BV Datasheet HTML 8Page - Cypress Semiconductor CY62126BV Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY62126BV
3
Electrical Characteristics Over the Operating Range
Test Conditions
62126BV
Parameter
Description
Min.
Typ.[3]
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.2
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC+
0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.4
V
IIX
Input Load Current
GND
≤ V
I ≤ VCC
–1
+1
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VCC,
Output Disabled
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
55 ns
20
mA
70 ns
15
mA
ISB1
Automatic CE
Power-Down Current
— TTL Inputs
Max. VCC, CE ≥ VIH
VIN ≥ VIH or
VIN ≤ VIL, f = fMAX
2
mA
ISB2
Automatic CE
Power-Down Current
— CMOS Inputs
Max. VCC,
CE
≥ V
CC – 0.3V,
VIN ≥ VCC – 0.3V,
or VIN ≤ 0.3V, f=0
0.5
15
µA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
9
pF
COUT
Output Capacitance
9
pF
AC Test Loads and Waveforms
Notes:
3.
Typical specifications are the mean values measured over a large sample size across normal production process variations and are taken at nominal
conditions (TA = 25°C, VCC=3.0V). Parameters are guaranteed by design and characterization, and not 100% tested.
4.
Tested initially and after any design or process changes that may affect these parameters.
62126BV-4
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.0V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
3.0V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 1076
ΩΩ
R2
1262
R2
581
Equivalent to:
THÉVENIN
EQUIVALENT
1.62V
R1 1076
1262
Rise TIme:
1 V/ns
Fall TIme
1 V/ns


Similar Part No. - CY62126BV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30L CYPRESS-CY62126DV30L Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126DV30L-55BVI CYPRESS-CY62126DV30L-55BVI Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126DV30L-55BVXE CYPRESS-CY62126DV30L-55BVXE Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY62126BV

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com