Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP05AL220S05W Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TP05AL220S05W
Description  5W 3KVAC Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AL220S05W Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP05AL220S05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AL220S05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AL220S05W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05AL220S05W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP05AL Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 / 4
APPLICATION CIRCUIT TYPICAL VALUES
PN
FUSE
R
MOV
L
C1
C2
CX
CY
C3
TVS tubes
TP05AL220S03W
T1A/250V
10Ω/2W
10D561K
2mH
10μF/450V
104K/50
V
104K/275V
ac
1nF/400Vac
330uF/16V
SMBJ7.0A
TP05AL220S05W
330uF/16V
SMBJ7.0A
TP05AL220S09W
330uF/16V
SMBJ12A
TP05AL220S12W
220uF/16V
SMBJ20A
TP05AL220S15W
150uF/25V
SMBJ30A
TP05AL220S24W
150uF/35V
SMBJ30A
MECHANICAL DIMENSIONS
PIN
1
AC
3
AC
5
+V(cap)
7
-V(cap)
12
-Vo
14
+Vo
MODEL SELECTION
TP
05
A
L 220 S
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name


Similar Part No. - TP05AL220S05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AL220S05W TOPPOWER-TP05AL220S05W Datasheet
789Kb / 3P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL220S05W TOPPOWER-TP05AL220S05W Datasheet
847Kb / 3P
   5W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP05AL220S05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL_19 TOPPOWER-TP05AL_19_04 Datasheet
847Kb / 3P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL_19 Datasheet
789Kb / 3P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AD TOPPOWER-TP03AD Datasheet
793Kb / 3P
   3W, 5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com