Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5306IU Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5306IU
Description  350MHz Fixed Gain Amplifiers with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306IU Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5306IU Datasheet HTML 2Page - Intersil Corporation EL5306IU Datasheet HTML 3Page - Intersil Corporation EL5306IU Datasheet HTML 4Page - Intersil Corporation EL5306IU Datasheet HTML 5Page - Intersil Corporation EL5306IU Datasheet HTML 6Page - Intersil Corporation EL5306IU Datasheet HTML 7Page - Intersil Corporation EL5306IU Datasheet HTML 8Page - Intersil Corporation EL5306IU Datasheet HTML 9Page - Intersil Corporation EL5306IU Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 7. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 8. SUPPLY CURRENT vs SUPPLY VOLTAGE (PER
AMPLIFIER)
FIGURE 9. HARMONIC DISTORTION vs FREQUENCY
FIGURE 10. ENABLED RESPONSE
FIGURE 11. DISABLED RESPONSE
FIGURE 12. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
10K
FREQUENCY (Hz)
100K
1M
100M
1
0.1
10
100
10M
4.5
VS (V)
55.5
11
1.2
1.3
1.4
1.5
1.6
6
7
7.588.5
99.5 10 10.5
6.5
1.55
1.45
1.35
1.25
IS-
IS+
0
-10
-20
-40
-50
-80
-90
0
10
20
30
40
60
FREQUENCY (MHz)
50
-70
-30
-60
HD3
HD2
VS=±5V
AV=2
RL=150Ω
VOP-P=2V
CH1 2.00V/DIV
CH2 1.00V/DIV
M=100ns
CH1 2.00V/DIV
CH2 1.00V/DIV
M=100ns
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
909mW
625mW
633mW
391mW
SO16 (0.150”)
θJA=110°C/W
SO8
θJA=160°C/W
QSOP16
θJA=158°C/W
SOT23-6
θJA=256°C/W
EL5106, EL5306


Similar Part No. - EL5306IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306IU INTERSIL-EL5306IU Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU INTERSIL-EL5306IU Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T13 INTERSIL-EL5306IU-T13 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T13 INTERSIL-EL5306IU-T13 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T7 INTERSIL-EL5306IU-T7 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com