Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5306IUZT13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5306IUZT13
Description  350MHz Fixed Gain Amplifiers with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306IUZT13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5306IUZT13 Datasheet HTML 1Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 2Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 3Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 4Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 5Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 6Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 7Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 8Page - Intersil Corporation EL5306IUZT13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
tDIS
Disable Time
400
ns
IIHCE
CE Pin Input High Current
CE = VS+1
5
25
µA
IILCE
CE Pin Input Low Current
CE = VS-+1
0
-1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ -1
V
VILCE
CE Input Low Voltage for Enable
VS+ -3
V
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = 25°C unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
EL5106
(SO8)
EL5106
(SOT23-6)
EL5306
(SO16,
QSOP16)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
6, 11
NC
Not connected
2
4
9, 12, 16
IN-
Inverting input
CIRCUIT 1
3
3
1, 5, 8
IN+
Non-inverting input
(Reference Circuit 1)
4
2
3
VS-
Negative supply
6
1
10, 13, 15
OUT
Output
CIRCUIT 2
7
6
14
VS+
Positive supply
85
2, 4, 7
CE
Chip enable
CIRCUIT 3
RG
RF
IN-
IN+
RF
OUT
VS+
VS-
CE
EL5106, EL5306


Similar Part No. - EL5306IUZT13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306IUZ INTERSIL-EL5306IUZ Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IUZ INTERSIL-EL5306IUZ Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IUZ INTERSIL-EL5306IUZ Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5306IUZ RENESAS-EL5306IUZ Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306IUZ-T13 INTERSIL-EL5306IUZ-T13 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306IUZT13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com