Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7685BRMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7685BRMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685BRMZ Datasheet(HTML) 2 Page - Analog Devices

  AD7685BRMZ Datasheet HTML 1Page - Analog Devices AD7685BRMZ Datasheet HTML 2Page - Analog Devices AD7685BRMZ Datasheet HTML 3Page - Analog Devices AD7685BRMZ Datasheet HTML 4Page - Analog Devices AD7685BRMZ Datasheet HTML 5Page - Analog Devices AD7685BRMZ Datasheet HTML 6Page - Analog Devices AD7685BRMZ Datasheet HTML 7Page - Analog Devices AD7685BRMZ Datasheet HTML 8Page - Analog Devices AD7685BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AD7685* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7685 Evaluation Kit
• Precision ADC PMOD Compatible Boards
DOCUMENTATION
Application Notes
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-931: Understanding PulSAR ADC Support Circuitry
• AN-932: Power Supply Sequencing
Data Sheet
• AD7685: 16-Bit, 250 kSPS PulSAR ADC in MSOP Data Sheet
Product Highlight
• [NO TITLE FOUND] Product Highlight
• 8- to 18-Bit SAR ADCs ... From the Leader in High
Performance Analog
• Lowest-Power 16-Bit ADC Optimizes Portable Designs
(eeProductCenter, 10/4/2006)
Technical Books
• The Data Conversion Handbook, 2005
User Guides
• UG-340: Evaluation Board for the 10-Lead Family 14-/16-/
18-Bit PulSAR ADCs
• UG-682: 6-Lead SOT-23 ADC Driver for the 8-/10-Lead
Family of 14-/16-/18-Bit PulSAR ADC Evaluation Boards
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD7685 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
• BeMicro FPGA Project for AD7685 with Nios driver
• BeMicro FPGA Project for CN0194 with Nios driver
• CN0194 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
TOOLS AND SIMULATIONS
• AD7685 IBIS Models
REFERENCE DESIGNS
• CN0104
• CN0130
• CN0194
• CN0213
REFERENCE MATERIALS
Product Selection Guide
• SAR ADC & Driver Quick-Match Guide
Technical Articles
• MS-1779: Nine Often Overlooked ADC Specifications
• MS-2210: Designing Power Supplies for High Speed ADC
• Simple Discrete SE-to-Differential Precision In-amp Circuit:
High Common Mode Input Range and 50% Less Power
Tutorials
• MT-002: What the Nyquist Criterion Means to Your
Sampled Data System Design
• MT-031: Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND"
DESIGN RESOURCES
• AD7685 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7685 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


Similar Part No. - AD7685BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685BRMZRL7 AD-AD7685BRMZRL7 Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
More results

Similar Description - AD7685BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com