Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320A Datasheet(PDF) 4 Page - PACELEADER INDUSTRIAL

Part # SM320A
Description  3A Low VF Schottkty Barrier Rectifiers 40V~200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SM320A Datasheet(HTML) 4 Page - PACELEADER INDUSTRIAL

  SM320A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 2Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 3Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 4Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Suggested Soldering Pad Layout
SMA
Rev A
Dimensions in inches and (millimeters)
.085(2.16)
.098(2.50)
.059(1.50)
4
www.paceleader.tw
THRU


Similar Part No. - SM320A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM320A UNIOHM-SM320A Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A Datasheet
226Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320A TAYCHIPST-SM320A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
More results

Similar Description - SM320A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS34LW TSC-SS34LW Datasheet
201Kb / 4P
   3A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SMPD10200L SECOS-SMPD10200L Datasheet
180Kb / 2P
   200V, 10A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
   200V, 15A Low VF Schottky Barrier Rectifiers
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
   0.35Amp 40V Low Vf Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
   1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
logo
SeCoS Halbleitertechnol...
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
   40V, 3A Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com