Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G86 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1G86
Description  2-input ExclusiveOR Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G86 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1G86 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G86 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.6.00, Sep.01.2003, page 1 of 11
HD74LV1G86A
2–input Exclusive–OR Gate
REJ03D0070–0600Z
(Previous ADE-205-322D (Z))
Rev.6.00
Sep.01.2003
Description
The HD74LV1G86A performs the Boolean functions Y = A
⊕ B or Y = AB + AB in positive logic. A
common application is as a true / complement element. If one of the inputs is low, the other input will be
reproduced in true form at the output. If one of the inputs is high, the signal on the other input will be
reproduced inverted form at the output. Low voltage and high-speed operation is suitable for the battery
powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV86A
Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
CMPAK–5V
HD74LV1G86ACME CMPAK–5 pin
CMPAK–5V(O)
CM
HD74LV1G86AVSE
VSON–5 pin
TNP–5DV
VS
E (3,000 pcs/reel)
Note: Please consult the sales office for the above package availability.


Similar Part No. - HD74LV1G86

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
HD74LV1G86ACME RENESAS-HD74LV1G86ACME Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
HD74LV1G86AVSE RENESAS-HD74LV1G86AVSE Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
HD74LV1G86A RENESAS-HD74LV1G86A_15 Datasheet
169Kb / 9P
   2?밿nput Exclusive?밢R Gate
More results

Similar Description - HD74LV1G86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
74HC1G02 NXP-74HC1G02 Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com