Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2AS01 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Version 2.0
10
1 Feb 2002
ICE2AS01/G
ICE2BS01/G
Functional Description
Figure 11
Start Up Phase
3.4
Oscillator and Frequency
Reduction
3.4.1
Oscillator
The oscillator generates a frequency f
switch = 100kHz. A
resistor, a capacitor and a current source and current
sink which determine the frequency are integrated. The
charging and discharging current of the implemented
oscillator capacitor are internally trimmed, in order to
achieve a very accurate switching frequency. The ratio
of controlled charge to discharge current is adjusted to
reach a max. duty cycle limitation of D
max=0.72.
3.4.2
Frequency Reduction
The frequency of the oscillator is depending on the
voltage at pin FB. The dependence is shown in Figure
12. This feature allows a power supply to operate at
lower frequency at light loads thus lowering the
switching
losses
while
maintaining
good
cross
regulation performance and low output ripple. In case
of low power the power consumption of the whole
SMPS can now be reduced very effective. The minimal
reachable frequency is limited to 20kHz / 21.5 kHz to
avoid audible noise in any case.
Figure 12
Frequency Dependence
3.5
Current Limiting
There is a cycle by cycle current limiting realised by the
Current-Limit Comparator to provide an overcurrent
detection. The source current of the external Power
Switch is sensed via an external sense resistor R
Sense .
By means of R
Sense the source current is transformed to
a sense voltage V
Sense.
When the voltage V
Sense
exceeds the internal threshold voltage V
csth
the
Current-Limit-Comparator immediately turns off the
gate drive. To prevent the Current Limiting from
distortions caused by leading edge spikes a Leading
Edge Blanking is integrated at the Current Sense.
Furthermore a Propagation Delay Compensation is
added to support the immedeate shut down of the
Power Switch in case of overcurrent.
3.5.1
Leading Edge Blanking
Figure 13
Leading Edge Blanking
Each time when the external Power Switch is switched
on a leading spike is generated due to the primary-side
capacitances and secondary-side rectifier reverse
t
t
V
So ftS
t
5.3 V
4.8 V
T
S o ft-S ta rt
V
OU T
V
FB
V
OU T
T
Sta rt-U p
f
standby
f
norm
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
1,9
2
FB
V
V
kHz
f
norm:
ICE2BS01
ICE2AS01
67kHz
100kHz
f
standby:
20kHz
21.5kHz
t
V
Sen s e
V
csth
t
LE B = 2 20n s


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TDA4916GG PWM-FF IC SMPS IC with MOSFET Driver Output 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn