Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2AS01 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Version 2.0
12
1 Feb 2002
ICE2AS01/G
ICE2BS01/G
Functional Description
transistors as well as to protect them against
undesirable gate overvoltages.
Figure 17
Gate Driver
At voltages below the undervoltage lockout threshold
V
VCCoff the gate drive is active low.
The driver-stage is optimized to minimize EMI and to
provide high circuit efficiency. This is done by reducing
the switch on slope when reaching the external Power
Switch threshold. This is achieved by a slope control of
the rising edge at the driver’s output (see Figure 18).
Figure 18
Gate Rising Slope
Thus the leading switch on spike is minimized. When
the external Power Switch is switched off, the falling
shape of the driver is slowed down when reaching 2V
to prevent an overshoot below ground. Furthermore the
driver circuit is designed to eliminate cross conduction
of the output stage.
3.8
Protection Unit (Auto Restart Mode)
An overload, open loop and overvoltage detection is
integrated within the Protection Unit. These three
failure modes are latched by an Error-Latch. Additional
thermal shutdown is latched by the Error-Latch. In case
of those failure modes the Error-Latch is set after a
blanking time of 5µs and the external Power Switch is
shut down. That blanking prevents the Error-Latch from
distortions caused by spikes during operation mode.
3.8.1
Overload & Open loop with normal
load
Figure 19
Auto Restart Mode
Figure 19 shows the Auto Restart Mode in case of
overload or open loop with normal load. The detection
of open loop or overload is provided by the Comparator
C3, C4 and the AND-gate G2 (see Figure20).
Z1
VC C
1
PW M -L a tch
Ga te
t
V
Ga te
5V
C
Load = 1 n F
ca. t = 130n s
O ve rloa d & O p en lo op/no rm a l lo ad
FB
t
4.8V
5.3V
So ftS
5µ s B la n king
F a ilu re
De te c tio n
S o ft-S ta rt P h a s e
VC C
13 .5V
8.5 V
t
Driv e r
t
T
Re s tart
T
Bu rs t1
t


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TDA4916GG PWM-FF IC SMPS IC with MOSFET Driver Output 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn