Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2AS01 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ICE2AS01/G
ICE2BS01/G
Electrical Characteristics
Version 2.0
16
1 Feb 2002
4.3
Characteristics
Note:
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage
and junction temperature range T
J from – 25 °C to 125 °C.Typical values represent the median values,
which are related to 25°C. If not otherwise stated, a supply voltage of V
CC = 15 V is assumed.
4.3.1
Supply Section
4.3.2
Internal Voltage Reference
4.3.3
Control Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Start Up Current
I
VCC1
-27
55
µA
V
CC=VCCon -0.1V
Supply Current with Inactiv
Gate
I
VCC2
-5.3
7
mA
V
SoftS = 0
I
FB = 0
Supply Current with Activ Gate
ICE2AS01/G
IVCC3
-6.5
8
mA
V
SoftS = 5V
I
FB = 0
C
Gate = 1nF
Supply Current with Activ Gate
ICE2BS01/G
I
VCC3
-6
7.5
mA
V
SoftS = 5V
I
FB = 0
C
Gate = 1nF
VCC Turn-On Threshold
VCC Turn-Off Threshold
VCC Turn-On/Off Hysteresis
V
CCon
V
CCoff
V
CCHY
13
-
4.5
13.5
8.5
5
14
-
5.5
V
V
V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Trimmed Reference Voltage
V
REF
6.37
6.50
6.63
V
measured at pin FB
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Oscillator Frequency
ICE2AS01/G
f
OSC1
93
100
107
kHz
V
FB = 4V
Oscillator Frequency
ICE2BS01/G
f
OSC3
62
67
72
kHz
V
FB = 4V
Reduced Osc. Frequency
ICE2AS01/G
f
OSC2
-21.5
-
kHz
V
FB = 1V
Reduced Osc. Frequency
ICE2AS01/G
f
OSC4
-20
-
kHz
V
FB = 1V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TDA4916GG PWM-FF IC SMPS IC with MOSFET Driver Output 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn