Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2AS01 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part No. ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 21Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ICE2AS01/G
ICE2BS01/G
Electrical Characteristics
Version 2.0
18
1 Feb 2002
4.3.6
Driver Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
GATE Low Voltage
V
GATE
-0.95
1.2
V
V
VCC = 5 V
I
Gate = 5 mA
-1.0
1.5
V
V
VCC = 5 V
I
Gate = 20 mA
-0.88
-
V
I
Gate = 0 A
-1.6
2.2
V
I
Gate = 50 mA
-0.2
0.2
-
V
I
Gate = -50 mA
GATE High Voltage
VGATE
-11.5
-
V
V
VCC = 20V
C
L = 4.7nF
-10
-
V
V
VCC = 11V
C
L = 4.7nF
-7.5
-
V
V
VCC = VVCCoff + 0.2V
C
L = 4.7nF
GATE Rise Time
tr
-160
-
ns
V
Gate = 2V ...9V
1)
C
L = 4.7nF
1)
Transient reference value
GATE Fall Time
tf
-65
-
ns
V
Gate = 9V ...2V
1)
C
L = 4.7nF
GATE Current, Peak,
Rising Edge
I
GATE
-0.5
--A
C
L = 4.7nF
2)
2)
Design characteristics (not meant for production testing)
GATE Current, Peak,
Falling Edge
I
GATE
--
0.7
A
C
L = 4.7nF
2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TDA4916GG PWM-FF IC SMPS IC with MOSFET Driver Output 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn