Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2AS01 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE2AS01 Datasheet HTML 1Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 2Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 3Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 4Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 5Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Version 2.0
3
1 Feb 2002
Type
Ordering Code
Frequency
Package
ICE2AS01
Q67040-S4472
100kHz
P-DIP-8-4
ICE2AS01G
Q67040-S4473
100kHz
P-DSO-8-3
ICE2BS01
Q67040-S4475
67kHz
P-DIP-8-4
ICE2BS01G
Q67040-S4476
67kHz
P-DSO-8-3
ICE2AS01/G
ICE2BS01/G
P-DIP-8-4
P-DSO-8-3
C
Soft Start
C
VCC
R
Start-up
VCC
-
Converter
DC Output
+
ICE2AS01 / ICE2BS01
Snubber
Power
Management
Protection Unit
Soft-Start Control
PWM Controller
Current Mode
FB
85 ... 270 VAC
Feedback
Feedback
Typical Application
Low Power
StandBy
Precise Low Tolerance
Peak Current Limitation
R
Sense
Isense
GND
SoftS
Gate
Off-Line SMPS Current Mode Controller
Product Highlights
• Enhanced Protection Functions all
with Auto Restart
• Lowest Standby Power Dissipation
• Very Accurate Current Limiting
Features
Only few external Components required
Input Undervoltage Lockout
67kHz/100kHz fixed Switching Frequency
Max Duty Cycle 72%
Low Power Standby Mode to support
“Blue Angle” Norm
Latched Thermal Shut Down
Overload and Open Loop Protection
Overvoltage Protection during Auto Restart
Adjustable Peak Current Limitation via
External Resistor
Overall Tolerance of Current Limiting
< ±5%
Internal Leading Edge Blanking
Soft Start
Soft Switching for Low EMI
Description
This stand alone controller provides several special
enhancements to satisfy the needs for low power standby
and protection features. In standby mode frequency
reduction is used to lower the power consumption and
provide a stable output voltage in this mode. The frequency
reduction is limited to 20kHz / 21.5 kHz (typ.) to avoid
audible noise. In case of failure modes like open loop,
overvoltage or overload due to short circuit the device
switches in Auto Restart Mode which is controlled by the
internal protection unit. By means of the internal precise
peak current limitation the dimension of the transformer and
the secondary diode can be lower which leads to more cost
efficiency.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TDA4916GG PWM-FF IC SMPS IC with MOSFET Driver Output 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn