Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IDC-5020 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. IDC-5020
Description  High Current, Surface Mount Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IDC-5020 Datasheet(HTML) 1 Page - Vishay Siliconix

  IDC-5020 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
32
IDC-5020
Vishay Dale
Document Number 34007
Revision 28-Aug-02
For technical questions, contact Magnetics@vishay.com
FEATURES
• High energy storage.
• Low resistance.
• Tape and reel packaging for automatic handling.
Inductance drop = 10% typ. at Isat
∆T = 15°C typ. at Irms
TEST
FREQUENCY
DCR
INDUCTANCE
L
MAX.
Isat
Irms
(
µH)
TOLERANCE
(KHz)
(Ohms)
(Amps)
(Amps)
1.0
± 20%
100
0.009
9.0
6.8
1.5
± 20%
100
0.010
8.0
6.4
2.2
± 20%
100
0.012
7.0
6.1
3.3
± 20%
100
0.015
6.4
5.4
4.7
± 20%
100
0.018
5.4
4.8
6.8
± 20%
100
0.027
4.6
4.4
10
± 20%
100
0.038
3.8
3.9
15
± 20%
100
0.046
3.0
3.1
22
± 20%
100
0.085
2.6
2.7
33
± 20%
100
0.10
2.0
2.1
47
± 20%
100
0.14
1.6
1.8
68
± 20%
100
0.20
1.4
1.5
100
± 20%
100
0.28
1.2
1.3
150
± 20%
100
0.40
1.0
1.0
220
± 20%
100
0.61
0.8
0.8
330
± 20%
100
1.02
0.6
0.6
470
± 20%
100
1.27
0.5
0.5
680
± 20%
100
2.02
0.4
0.4
1000
± 20%
100
3.00
0.3
0.3
DIMENSIONS in inches [millimeters]
D
Max.
I
J
H
E
G
F
A
Max.
B
Max.
MATERIALS
Core: Ferrite.
Wire: Enamelled copper wire.
Base: LCP.
Terminal: Nickel bronze.
Adhesive: Epoxy resin.
DESCRIPTION
IDC-5020
MODEL
10
µH
INDUCTANCE VALUE
± 20%
INDUCTANCE TOLERANCE
A (Max.)
B (Max.)
D (Max.)
E
F
G
H
I
J
0.510
0.370
0.205
0.100
0.100
0.300
0.115
0.290
0.110
[12.95]
[9.40]
[5.21]
[2.54]
[2.54]
[7.62]
[2.92]
[7.37]
[2.79]
STANDARD ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Inductance Range: 1.0
µH to 1000µH, tested at 1.0Vrms.
Inductance Tolerance: 20%, tighter tolerances available
upon request.
Operating Temperature: - 40
°C to + 125°C.
Resistance to Solder Heat: 260
°C for 10 seconds.
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
I
D
C
5
020
N
B
1
0
0
M
High Current, Surface Mount Inductor


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn