Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4U-A5881-2 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 4U-A5881-2
Description  High Performance Servers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

4U-A5881-2 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 4U-A5881-2 Datasheet HTML 6Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 7Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 8Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 9Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 10Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 11Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 12Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 13Page - Bel Fuse Inc. 4U-A5881-2 Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
tech.support@psbel.com
8.3 INPUT CONNECTOR MODIFICATION - MODELS PFE1100-12-054SD/TD
Figure 7. Front View (PFE1100-12-054SD/TD)
Unit:
MF: Dinkle; P/N: DT-66-B11W-03
Counter part: Wire with lugs: 18-8AWG (wire range); lugs for M4 screws
NOTE: Column 5 is lagging (short pins)
Figure 8. Side View (PFE1100-12-054SD/TD
Figure 9. Top View (PFE1100-12-054SD/TD)


Similar Part No. - 4U-A5881-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4U-0010-0614-7 3M-4U-0010-0614-7 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0615-4 3M-4U-0010-0615-4 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0618-8 3M-4U-0010-0618-8 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0629-5 3M-4U-0010-0629-5 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
4U-0010-0649-3 3M-4U-0010-0649-3 Datasheet
489Kb / 15P
   This specification was revised due to the requirement described below.
More results

Similar Description - 4U-A5881-2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
PFE1500-12-054 BEL-PFE1500-12-054 Datasheet
1Mb / 27P
   High Performance Servers
logo
Intel Corporation
PRO1000MT INTEL-PRO1000MT Datasheet
421Kb / 2P
   High-Performance Gigabit Copper Connection for Servers
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com